Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70W Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAS70W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAS70W Datasheet(HTML) 1 Page - Continental Device India Limited

  BAS70W Datasheet HTML 1Page - Continental Device India Limited BAS70W Datasheet HTML 2Page - Continental Device India Limited BAS70W Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W,
BAS70-04W
BAS70-05W, BAS70-06W
SOT-323
Formed SMD Package
BAS70W
BAS70-04W
3
3
1
2
1
2
BAS70-05W
BAS70-06W
3
3
1
2
1
2
Marking
BAS70W =
73
BAS70-04W = 74
BAS70-05W = 75
BAS70-06W = 76
Ultra High Speed Switching Diodes
ABSOLUTE MAXIMUM RATINGS (per diode)
DESCRIPTION
SYMBOL
UNIT
Continuous Reverse Voltage
VR
V
Continuous Forward Current
IF
mA
Repetitive Peak Forward Voltage tP < 1s; δδ < 0.5
IFRM
mA
Non Repetitive Peak Forward Current tp=10ms
IFSM
mA
Storage Temperature
Tstg
oC
Junction Temperature
Tj
oC
Operating Ambient Temperature
Tamb
oC
THERMAL RESISTANCE
Junction to Ambient in free air
*Rth (j-a)
K/W
*Sot-323 standard mounting condition
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise) Per diode
DESCRIPTION
SYMBOL
TEST CONDITION MIN
UNIT
Forward Voltage
VF
IF=1mA
V
IF=10mA
V
IF=15mA
V
Reverse Current
IR
VR=70V
µA
VR=50V
µA
Change Carrier Life Time (Krakauer method)
t
IF=5mA
ps
Diode Capacitance
Cd
VR=0V, f=1MHz
pF
BAS70W_06Rev 170210E
VALUE
70
70
70
100
- 65 to +150
150
- 65 to +150
625
MAX
0.41
0.75
1.00
10
0.1
100
2.0
3
Pin Configuration
1 = ANODE
2 =
3 =
CATHODE
CATHODE
ANODE/
2
Pin Configuration
1 =
2 =
3 =
ANODE
ANODE
CATHODE
3
2
Pin Configuration
1 =
2 =
3 =
CATHODE
CATHODE
ANODE
3
2
Pin Configuration
1 =
2 = NC
3 =
ANODE
CATHODE
3
2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAS70W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70W PHILIPS-BAS70W Datasheet
55Kb / 8P
Schottky barrier double diodes
1999 Mar 26
logo
STMicroelectronics
BAS70W STMICROELECTRONICS-BAS70W Datasheet
50Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
May-2000
logo
Siemens Semiconductor G...
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Weitron Technology
BAS70W WEITRON-BAS70W Datasheet
502Kb / 3P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - BAS70W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com