Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT411 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT411
Description  Patented Primary Side Regulation Technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT411 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT411 Datasheet HTML 7Page - Active-Semi, Inc ACT411 Datasheet HTML 8Page - Active-Semi, Inc ACT411 Datasheet HTML 9Page - Active-Semi, Inc ACT411 Datasheet HTML 10Page - Active-Semi, Inc ACT411 Datasheet HTML 11Page - Active-Semi, Inc ACT411 Datasheet HTML 12Page - Active-Semi, Inc ACT411 Datasheet HTML 13Page - Active-Semi, Inc ACT411 Datasheet HTML 14Page - Active-Semi, Inc ACT411 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ACT411
Rev 4, 27-Feb-14
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
TYPICAL APPLICATION CONT’D
An EE16 core is selected for the transformer. From
the manufacture’s catalogue recommendation, the
gapped core with an effective inductance ALE of 65
nH/T2 is selected. The turn of the primary winding
is:
The turns of secondary and auxiliary winding can
be derived accordingly:
Determining the value of the current sense resistor
(R9) uses the peak current in the design. Since the
ACT411 internal current limit is set to 1V, the
design of the current sense resistor is given by:
The voltage feedback resistors are selected
according to the Ioccmax and Vo. The design
Io_cc max is given by:
The design Vo is given by:
Where k is IC constant and K=0.000075, then we
can get the value:
When selecting the output capacitor, a low ESR
electrolytic capacitor is recommended to minimize
ripple from the current ripple. The approximate
equation for the output capacitance value is given
by:
Two 470µF electrolytic capacitors are used to keep
the ripple small.
PCB Layout Guideline
Good PCB layout is critical to have optimal
performance. Decoupling capacitor (C4) and
feedback resistor (R5/R6) should be placed close to
VDD and FB pin respectively. There are two main
power path loops. One is formed by C1/C2, primary
winding, Mosfet transistor and current sense
resistor (R9). The other is secondary winding,
rectifier D8 and output capacitors (C5/C6). Keep
these loop areas as small as possible. Connecting
high current ground returns, the input capacitor
ground lead, and the ACT411 GND pin to a single
point (star ground configuration).
T
78
T
/
nH
65
mH
4
.
0
A
L
N
2
LE
P
P
=
=
=
(13)
T
13
78
18
.
5
1
N
N
N
N
p
p
s
S
≈
×
=
×
=
(14)
T
14
13
08
.
1
N
N
N
N
s
S
A
A
=
×
=
×
=
(15)
Ω
η
.
24
.
1
85
.
0
kHz
110
mH
4
.
0
12
6
.
1
2
1
F
L
V
I
2
V
R
system
SW
P
OUT
OCP
_
OUT
CS
CS
≈
×
×
×
×
=
×
×
×
×
=
(16)
(17)
D
FB
a
s
2
fb
1
fb
o
V
V
N
N
)
R
R
1
(
V
−
×
×
+
=
(18)
K
2
.
10
R
,
K
6
.
53
R
2
fb
1
fb
=
=
(19)
F
182
mV
50
k
110
1
V
f
I
C
RIPPLE
sw
OUT
OUT
μ
=
×
=
×
=
(20)
sw
_
f
cs
cs
p
D
O
2
fb
1
fb
2
fb
1
fb
s
p
s
K
R
V
L
V
V
R
R
R
R
N
N
f
×
×
+
×
+
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com