Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT412US-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT412US-T
Description  Patented Primary Side Regulation Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT412US-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT412US-T Datasheet HTML 1Page - Active-Semi, Inc ACT412US-T Datasheet HTML 2Page - Active-Semi, Inc ACT412US-T Datasheet HTML 3Page - Active-Semi, Inc ACT412US-T Datasheet HTML 4Page - Active-Semi, Inc ACT412US-T Datasheet HTML 5Page - Active-Semi, Inc ACT412US-T Datasheet HTML 6Page - Active-Semi, Inc ACT412US-T Datasheet HTML 7Page - Active-Semi, Inc ACT412US-T Datasheet HTML 8Page - Active-Semi, Inc ACT412US-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
ActivePSR
TM Quasi-Resonant PWM Controller
FEATURES
• Patented Primary Side Regulation
Technology
• Quasi-Resonant Operation
• Adjustable up to 120kHz Switching
Frequency
• +/-5% Output Voltage Regulation
• Constant Power Operation Mode for Fast
Start-up and Motor Drive Applications
• Integrated Line and Primary Inductance
Compensation
• Built-in Soft-Start Circuit
• Line Under-Voltage, Thermal, Output Over-
voltage, Output Short Protections
• Current Sense Resistor Short Protection
• Transformer Short Winding Protection
• Less than 100mW Standby Power
• Complies with Global Energy Efficiency and
CEC Average Efficiency Standards
• Tiny SOT23-6 Packages
APPLICATIONS
• AC/DC Adaptors/Chargers for E-Shaver,
Motor Driver, ADSL, Network Power, Cell
Phone
• Big Capacitive Load Application
GENERAL DESCRIPTION
The ACT412 is a high performance peak current
mode PWM controller which applies ActivePSRTM
and ActiveQRTM technology. ACT412 achieves
accurate voltage regulation without the need of an
opto-coupler or reference device.
The ACT412 is designed to achieve less than
100mW Standby Power. By applying frequency fold
back and
ActiveQR
TM
technology,
ACT412
exceeds the latest ES2.0 efficiency standard.
ACT412 integrates comprehensive protection. In
case of over temperature, over voltage, short
winding, short current sense resistor, open loop
and overload conditions, it would enter auto restart
mode including cycle-by-cycle current limiting.
ACT412 is to achieve no overshoot and very short
rise time even with big capacitive load (10000µF)
with the built-in fast and soft start process, .
The Quasi-Resonant (QR) operation mode can
effectively improve efficiency, reduce the EMI noise
and further reduce the components in input filter.
ACT412 is idea for application up to 36 Watt.
Figure 1:
Simplified Application Circuit
ACT412
Rev 1, 30-Oct-13


Similar Part No. - ACT412US-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT410 ACTIVE-SEMI-ACT410 Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
logo
Qorvo, Inc
ACT41000 QORVO-ACT41000 Datasheet
2Mb / 72P
Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-101 QORVO-ACT41000-101 Datasheet
2Mb / 72P
Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-102 QORVO-ACT41000-102 Datasheet
2Mb / 72P
Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-103 QORVO-ACT41000-103 Datasheet
2Mb / 72P
Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
More results

Similar Description - ACT412US-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
logo
Active-Semi, Inc
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
Richtek Technology Corp...
RT7310 RICHTEK-RT7310 Datasheet
557Kb / 12P
Phase-Cut Dimmable Primary-Side Regulation
logo
Unisonic Technologies
US1651 UTC-US1651 Datasheet
178Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
US1652 UTC-US1652 Datasheet
169Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
Richtek Technology Corp...
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Unisonic Technologies
USR1652 UTC-USR1652 Datasheet
167Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
List of Unclassifed Man...
OB2211 ETC2-OB2211 Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com