Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2102 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT2102
Description  Wide 4.5V to 18V Operating Input Range
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2102 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT2102_14 Datasheet HTML 9Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 10Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 11Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 12Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 13Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 14Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 15Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 16Page - Active-Semi, Inc ACT2102_14 Datasheet HTML 17Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ACT2102
Rev 2, 23-May-12
®
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
10mA Load Operation
100mA Load Operation
No Load Operation
CH1: VRIPPLE, 10mV/div
CH2: SW, 5V/div
CH3: IL, 200mA/div
TIME: 10µs/div
CH1: VRIPPLE, 20mV/div
CH2: SW, 5V/div
CH3: IL, 1A/div
TIME: 2µs/div
CH1
CH2
CH1
CH2
CH1
CH2
Standby Current vs. VIN
3
2.5
2
1.5
1
0.5
0
VIN Voltage (V)
3
5
7
9
11
13
15
17
19
21
IIN vs. VIN at Output Dead Short
140
120
100
80
60
40
20
VIN (V)
4
6
8
10
12
14
16
18
20
Peak Current Limit vs. Duty Cycle
3.2
3.0
2.8
2.6
2.4
3.4
3.6
Duty Cycle
20
30
40
50
60
70
80
90
(L = 22µH, CIN = 100µF, COUT = 330µF, Ta = 25°C, RCOMP = 15k, CCOMP1 = 2.2nF, CCOMP2 = N/C)
VIN = 12V
V0UT = 5V
VIN = 12V
V0UT = 5V
VIN = 12V
V0UT = 5V
CH3
CH3
CH1: VRIPPLE, 20mV/div
CH2: SW, 5V/div
CH3: IL, 1A/div
TIME: 2µs/div
CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com