Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2E4 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3S-R2E4
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E4 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3S-R2E4 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
E3S
E3S
6
Timing Chart
-E4 Type (NPN Output)
-B4 Type (PNP Output)
-E4S(1) Type
Light
LIGHT
Indicator
Output
transistor
Load
(relay, etc.)
Output voltage
(logic, etc.)
Incident
Interrupted
ON
OFF
Operates
Releases
H
L
ON
OFF
Light
LIGHT
Indicator
Output
transistor
Load
(relay, etc.)
Incident
Interrupted
ON
OFF
Operates
Releases
ON
OFF
Light-ON
Light
LIGHT
Indicator (red)
Output
transistor
Load
(relay, etc.)
Output voltage
(logic, etc.)
Incident
Interrupted
ON
OFF
Operates
Releases
H
L
ON
OFF
(Between brown (red) and
black (white) lines)
(Blue brown (black) and
black (white) lines)
Dark-ON
Light-ON
Dark-ON
Light-ON
Dark-ON
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
E3S-2E(B)4
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 80 g each for emitter and
receiver
Note:
1. A mounting bracket can be attached to side A.
2. Receiver only.
E3S-2E(B)41
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 80 g each for emitter and
receiver
Note:
1. A mounting bracket can be attached to side A.
2. Receiver only.
12.8 dia.
6 dia.
Indicator
Sensitivity adjustor
(see note 2)
7 mm dia. lens
(A)
(see note 1)
E39-L3
Two, M3 screws
12.8 dia.
6 dia.
Indicator
7 mm dia. lens
Sensitivity adjustor
(see note 2)
(A) (see note 1)
Two, M3 screws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com