Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2E41 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3S-R2E41
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E41 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3S-R2E41 Datasheet HTML 1Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Sensing distance
Supply voltage
Output
80 mA
12 to 24 VDC
2 m
10, 30 cm
2, 5 m
Photoelectric Sensor
E3S
General-purpose Miniature Sensors
Short response time: 3 ms.
Easy adjustment of sensitivity and optical axis with
STABILITY and LIGHT indicators.
Wire-selectable operation mode.
Mutual interference protective circuit eliminates
cross talk (reflective sensor only).
Ordering Information
Appearance
Sensing method
Sensing distance
Model
NPN output
PNP output
Horizontal
Through-beam (separate)
2 m
E3S-2E4
E3S-2B4
5 m
E3S-5E4
E3S-5E4S
E3S-5E4S1
E3S-5B4
E3S-5B4S
Retroreflective
2 m
E3S-R2E4
E3S-R2B4
Diffuse reflective
10 cm
E3S-DS10E4
E3S-DS10B4
30 cm
E3S-DS30E4
E3S-DS30E4S
E3S-DS30E4S1
E3S-DS30B4
E3S-DS30B4S
Vertical
Through-beam (separate)
2 m
E3S-2E41
E3S-2B41
5 m
E3S-5E41
E3S-5B41
Retroreflective
2 m
E3S-R2E41
E3S-R2B41
Diffuse reflective
10 cm
E3S-DS10E41
E3S-DS10B41
30 cm
E3S-DS30E41
E3S-DS30B41


Similar Part No. - E3S-R2E41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3S-R2E41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-S10 OMRON-E3C-S10 Datasheet
302Kb / 16P
Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
Photoelectric Sensor
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
Photoelectric Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
PHOTOELECTRIC SENSOR
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com