Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4515 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4515
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4515 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4515 Datasheet HTML 8Page - Active-Semi, Inc ACT4515 Datasheet HTML 9Page - Active-Semi, Inc ACT4515 Datasheet HTML 10Page - Active-Semi, Inc ACT4515 Datasheet HTML 11Page - Active-Semi, Inc ACT4515 Datasheet HTML 12Page - Active-Semi, Inc ACT4515 Datasheet HTML 13Page - Active-Semi, Inc ACT4515 Datasheet HTML 14Page - Active-Semi, Inc ACT4515 Datasheet HTML 15Page - Active-Semi, Inc ACT4515 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ACT4515
Rev 6, 14-Nov-12
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
Load Current (mA)
10
100
1000
10000
1000
900
800
700
600
500
400
Temperature (°C)
-20
10
40
70
100
130
Peak Current Limit vs. Duty Cycle
2500
2250
2000
1750
1500
1250
1000
750
500
250
0
Duty Cycle
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
100
90
80
70
60
50
40
Efficiency vs. Load Current
CC Current vs. Temperature
VIN = 10V
VIN = 12V
VOUT = 5V
Input Voltage (V)
10
15
20
25
30
35
Switching Frequency vs. Input Voltage
250
230
210
190
170
150
130
110
VIN = 12V
RISET = 33kΩ
CC Current vs. Input Voltage
1000
900
800
700
600
500
400
Input Voltage (V)
10
14
18
22
26
30
34
RISET = 33kΩ
VIN = 24V
(Circuit of Figure 7, IISET = 0.9A, L = 82µH, CIN = 10µF, COUT = 22µF, TA = 25°C, unless otherwise specified.)
Switching Frequency vs. Feedback Voltage
260
210
160
110
60
10
Feedback Voltage (mV)
0
100
200
300
400
500
600
700
800
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com