Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-TEA3718DP Datasheet(PDF) 18 Page - STMicroelectronics

Part # E-TEA3718DP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TEA3718DP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button E-TEA3718DP Datasheet HTML 14Page - STMicroelectronics E-TEA3718DP Datasheet HTML 15Page - STMicroelectronics E-TEA3718DP Datasheet HTML 16Page - STMicroelectronics E-TEA3718DP Datasheet HTML 17Page - STMicroelectronics E-TEA3718DP Datasheet HTML 18Page - STMicroelectronics E-TEA3718DP Datasheet HTML 19Page - STMicroelectronics E-TEA3718DP Datasheet HTML 20Page - STMicroelectronics E-TEA3718DP Datasheet HTML 21Page - STMicroelectronics E-TEA3718DP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Functional description
18/26
5.4
Single-pulse generator
The pulse generator is a monostable triggered on the positive going edge of the comparator
output. The monostable output is high during the pulse time, toff, which is determined by the
timing components RT and CT. toff = 0.69 ⋅ RT CT
The single pulse switches off the power feed to the motor winding, causing the winding
current to decrease during toff. If a new trigger signal should occur during toff, it is ignored.
5.5
Output stage
The output stage contains four Darlington transistors and four diodes, connected in an H-
bridge. The two sinking transistors are used to switch the power supplied to the motor
winding, thus driving a constant current through the winding.
Note:
It is not permitted to short circuit the outputs.
5.6
V
SS, VS and VR
The circuit stands any order of turn-on or turn-off the supply voltages VSS and VS. Normal
dV/dt values are then assumed.
Preferably, VR should track VSS during power on and power off if VS is established.
5.7
Analog control
The current levels can be varied continuously if VR is varied with a circuit varying the voltage
on the comparator terminal.
Figure 21.
Power losses against output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com