Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6204 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6204
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204 Datasheet(HTML) 2 Page - STMicroelectronics

  L6204 Datasheet HTML 1Page - STMicroelectronics L6204 Datasheet HTML 2Page - STMicroelectronics L6204 Datasheet HTML 3Page - STMicroelectronics L6204 Datasheet HTML 4Page - STMicroelectronics L6204 Datasheet HTML 5Page - STMicroelectronics L6204 Datasheet HTML 6Page - STMicroelectronics L6204 Datasheet HTML 7Page - STMicroelectronics L6204 Datasheet HTML 8Page - STMicroelectronics L6204 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
L6204
2/12
PIN CONNECTIONS
PIN DESCRIPTION
(*) For SO package the pins 4, 5, 10, 11, 18, 19, 24 and 25 are not connected.
SO
Pin
(*)
DIP
Pin
Symbols
Functions
1
1
SENSE 1
Sense resistor to provide the feedback for motor current control of the bridge
A
2
2
IN1
Digital input from the motor controller (bridge A)
3
3
ENABLE 1
A logic level low on this pin disable the bridge A
6
4
OUT 1
Output of one half bridge of the bridge A
7
5
GND
Common Power Ground
8
6
GND
Common Power Ground
9
7
OUT 3
Ouput of one half bridge of the bridge B
12
8
ENABLE 2
A logic level low on this pin disable the bridge B
13
9
IN 3
Digital input from the motor controller (bridge B)
14
10
SENSE 2
Sense resistor to provide the feedback for motor current control of the bridge B
15
11
BOOSTRAP OSC. VCP
Oscillator output for the external charge pump
16
12
IN 4
Digital input from the motor controller (bridge B)
17
13
OUT 4
Output of one half bridge of the bridge B
20
14
VS2
Supply voltage bridge B
21
15
GND
Common Power Ground
22
16
GND
Common Power Ground
23
17
VS1
Supply Voltage bridge A
26
18
OUT 2
Output of one half bridge of the bridge A
27
19
IN 2
Digital input from the motor controller (bridge A)
28
20
VBOOT
Overvoltage input for driving of the upper DMOS
1
3
2
4
5
6
7
8
9
20
19
18
17
16
14
15
13
12
DIP20
10
11
GND
OUT3
ENABLE2
SENSE2
IN3
IN4
VCP
OUT4
Vs2
GND
SENS1
IN1
ENABLE1
OUT1
GND
GND
Vs1
OUT2
IN2
VBOOT
SENSE1
IN1
ENABLE1
N.C.
N.C.
GND
OUT1
GND
OUT3
VS2
GND
GND
N.C.
VS1
N.C.
OUT2
IN2
VBOOT
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
N.C.
N.C.
SO24+2+2
N.C.
ENABLE2
IN3
IN4
OUT4
N.C.
11
12
13
18
16
17
15
14
SENSE2
VCP
DIP16+2+2
SO24+2+2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com