Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6311 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT6311
Description  White LED/OLED Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6311 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT6311_14 Datasheet HTML 1Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 2Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 3Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 4Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 5Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 6Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 7Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 8Page - Active-Semi, Inc ACT6311_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACT6311
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 4, 15-Nov-12
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
IN, SHDN Voltage
-0.3 to 6
V
SW Voltage
-0.3 to 30
V
FB Voltage
-0.3 to VIN + 0.3
V
Maximum Power Dissipation (derate 5mW/°C above TA = 50°C)
0.4
W
Junction to Ambient Thermal Resistance (θJA)
190
°C/W
Operating Junction Temperature
-40 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage Range
2.5
5.5
V
Feedback Voltage
VFB
VIN = 3V
1.18
1.24
1.30
V
FB Input Current
50
nA
Supply Current
SHDN = IN
0.7
1.5
mA
Supply Current in Shutdown
SHDN = G
0
1
µA
Switching Frequency
fSW
0.8
1
1.2
MHz
Maximum Duty Cycle
DMAX
80
85
%
Switch Current Limit
ILIM
75% Duty Cycle
320
mA
Switch On Voltage
ISW = 200mA
350
mV
Switch Leakage Current
VSW = 20V, SHDN = G
10
µA
SHDN Logic High Threshold
1.6
V
SHDN Logic Low Threshold
0.4
V
SHDN Input Current
0
1
µA
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long periods may affect
device reliability.)
ELECTRICAL CHARACTERISTICS
(VIN = VSHDN = 3V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com