Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMAJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMAJ Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMAJ Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMAJ Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMAJ Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMAJ Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
FEATURES
MECHANICAL DATA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Case Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026
Polarity Color band denotes cathode end
except Bipolar
UNITS
SYMBOL
VALUE
0C
-55 to +150
RATING
Peak Power Dissipation with a 10/1000 S waveform
(1)
Peak Pulse Current with a 10/1000 S waveform
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
unidirectional only
Maximum instantaneous forward voltage at 25A for
PPPM
IPPM
IFSM
IJ
TSTG
Minimum
400
40
SEE
TABLE 1
Watts
Amps
Amps
NOTES
.098(2.50)
.114(2.90)
.006(.152)
.012(.305)
.188(4.80)
.004(.102)
.157(4.00)
.055(1.40)
.062(1.60)
.078(2.00)
.096(2.44)
.030(0.76)
.060(1.52)
.181(4.60)
.008(.203)
.208(5.28)
SMA/DO-214AC
Dimensions in inches and (millimeters)
400W peak pulse power capability woth a
10/1000
Low leakage
Uni and Bidirectional unit
Glass passivated chip
Very fast response time
Excellent clamping capability
RoHS compliant
www.paceleader.tw
SMAJ
Series
WORKING VOLTAGE:5.0 to 440V
PEAK PULSE POWER:400W
μs waveform, repetitive rate (duty
cycle):0.01%
Mounting position: Any
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
(1)
(2)
Operating junction and Storage Temperature Range
unidirectional only (3)
V F
3.5/5.0
Volts
(3)VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum


Similar Part No. - SMAJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ JGD-SMAJ Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ EIC-SMAJ Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
More results

Similar Description - SMAJ

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com