Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB5342B Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SMB5342B
Description  SURFACE MOUNT ZENER TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMB5342B Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SMB5342B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMB5342B Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMB5342B Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum
DC Zener
Current
VZ @ IZT
IZT
ZZT @ IZT ZZK @ IZK
IZK
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
μA)
(V)
(mA)
SMB5341B
341B
6.2
200
1.0
200
1.0
1.0
3.0
765
SMB5342B
342B
6.8
175
1.0
200
1.0
10.0
5.2
700
SMB5343B
343B
7.5
175
1.5
200
1.0
10.0
5.7
630
SMB5344B
344B
8.2
150
1.5
200
1.0
10.0
6.2
580
SMB5345B
345B
8.7
150
2.0
200
1.0
10.0
6.6
545
SMB5346B
346B
9.1
150
2.0
150
1.0
7.5
6.9
520
SMB5347B
347B
10
125
2.0
125
1.0
5.0
7.6
475
SMB5348B
348B
11
125
2.5
125
1.0
5.0
8.4
430
SMB5349B
349B
12
100
2.5
125
1.0
2.0
9.1
395
SMB5350B
350B
13
100
2.5
100
1.0
1.0
9.9
365
SMB5351B
351B
14
100
2.5
75
1.0
1.0
10.6
340
SMB5352B
352B
15
75
2.5
75
1.0
1.0
11.5
315
SMB5353B
353B
16
75
2.5
75
1.0
1.0
12.2
295
SMB5354B
354B
17
70
2.5
75
1.0
0.5
12.9
280
SMB5355B
355B
18
65
2.5
75
1.0
0.5
13.7
265
SMB5356B
356B
19
65
3.0
75
1.0
0.5
14.4
250
SMB5357B
357B
20
65
3.0
75
1.0
0.5
15.2
237
SMB5358B
358B
22
50
3.5
75
1.0
0.5
16.7
216
SMB5359B
359B
24
50
3.5
100
1.0
0.5
18.2
198
SMB5360B
360B
25
50
4.0
110
1.0
0.5
19.0
190
SMB5361B
361B
27
50
5.0
120
1.0
0.5
20.6
176
SMB5362B
362B
28
50
6.0
130
1.0
0.5
21.2
170
SMB5363B
363B
30
40
8.0
140
1.0
0.5
22.8
158
SMB5364B
364B
33
40
10
150
1.0
0.5
25.1
144
SMB5365B
365B
36
30
11
160
1.0
0.5
27.4
132
SMB5366B
366B
39
30
14
170
1.0
0.5
29.7
122
SMB5367B
367B
43
30
20
190
1.0
0.5
32.7
110
SMB5368B
368B
47
25
25
210
1.0
0.5
35.8
100
SMB5369B
369B
51
25
27
230
1.0
0.5
38.8
93.0
SMB5370B
370B
56
20
35
280
1.0
0.5
42.6
86.0
SMB5371B
371B
60
20
40
350
1.0
0.5
45.5
79.0
SMB5372B
372B
62
20
42
400
1.0
0.5
47.1
76.0
SMB5373B
373B
68
20
44
500
1.0
0.5
51.7
70.0
SMB5374B
374B
75
20
45
620
1.0
0.5
56.0
63.0
SMB5375B
375B
82
15
65
720
1.0
0.5
62.2
58.0
SMB5376B
376B
87
15
75
760
1.0
0.5
66.0
54.5
SMB5377B
377B
91
15
75
760
1.0
0.5
69.2
52.5
SMB5378B
378B
100
12
90
800
1.0
0.5
76.0
47.5
SMB5379B
379B
110
12
125
1000
1.0
0.5
83.6
43.0
SMB5380B
380B
120
10
170
1150
1.0
0.5
91.2
39.5
SMB5381B
381B
130
10
190
1250
1.0
0.5
98.8
36.6
SMB5382B
382B
140
8.0
230
1500
1.0
0.5
106.0
34.0
SMB5383B
383B
150
8.0
330
1500
1.0
0.5
114.0
31.6
SMB5384B
384B
160
8.0
350
1650
1.0
0.5
122.0
29.4
SMB5385B
385B
170
8.0
380
1750
1.0
0.5
129.0
28.0
SMB5386B
386B
180
5.0
430
1750
1.0
0.5
137.0
26.4
SMB5387B
387B
190
5.0
450
1850
1.0
0.5
144.0
25.0
SMB5388B
388B
200
5.0
480
1850
1.0
0.5
152.0
23.6
Notes :
Maximum Reverse
Leakage Current
IR @ VR
(1) The type number listed have a standard tolerance on the nominal zener voltage of ± 5 %.
(2) The revese surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
ZENER 5W
SERIES
DEVICE
MARKING
CODE
Nominal Zener
Voltage
Maximum Zener Impedance
thru
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
SMB5341B
SMB5388B
2
www.paceleader.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com