Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMBJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMBJ Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMBJ Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMBJ Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMBJ Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMBJ Datasheet HTML 4Page - PACELEADER INDUSTRIAL SMBJ Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
FEATURES
MECHANICAL DATA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SMB/DO-214AA
Dimensions in inches and (millimeters)
.130(3.30)
.155(3.94)
.006(.152)
.012(.305)
.200(5.08)
.004(.102)
.160(4.06)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.185(4.70)
.008(.203)
.220(5.59)
www.paceleader.tw
SMBJ Series
PEAK PULSE POWER 600 WATTS
REVERSE VOLTAGE 6.8 to 520 Volts
600W peak pulse power capability woth a
10/1000
Low leakage
Uni and Bidirectional unit
Glass passivated chip
Very fast response time
Excellent clamping capability
μs waveform, repetitive rate (duty
cycle):0.01%
Case Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026
Polarity Color band denotes cathode end
except Bipolar
Mounting position: Any
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Rating at 25
℃ ambient temperature unless otherwise specif
Note:
(1) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
See Next Table
–55 to +150
Power dissipation on infinite heatsink at TL = 75 °C
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only
(1)
5.0
3.5/5.0
Amps.
Maximum instantaneous forward voltage at 50 A for
unidirectional only
(2)
(2) VF= 3.5V on SMBJ5.0 thru SMBJ90A devices and VF= 5.0V onSMBJ100 thru SMBJ440A devices.
Operating junction and storage temperature range
TJ, TSTG
UNIT
Symbol
100
Peak pulse current wih a 10/1000μs waveform
Watts
PD
Watts
Amps.
PPP
IPP
Parameter
Peak power dissipation with a 10/1000μs waveform
°C
Volts
IFSM
VF
Value
Minimum 600


Similar Part No. - SMBJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ JGD-SMBJ Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMBJ YANGJIE-SMBJ Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMBJ UNIOHM-SMBJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
More results

Similar Description - SMBJ

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com