Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMF
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMF Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMF Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMF Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMF Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
MECHANICAL DATA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25
C ambient temperature unless otherwise specified
www.paceleader.tw
SMF Series
Breakdown Voltage: 5.0 to 190 V
Peak Pulse Power: 200 W
Glass passivated chip
200 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle):0.01 %
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026
Polarity: Color band denotes cathode end
except Bipolar
Mounting position: Any
Note:
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
SOD-123
.055(1.40)
.071(1.80)
.004(0.10)
.006(0.15)
.028(0.70)
.020(0.50)
0.30REF
.037(0.95)
.053(1.35)
1.00(2.55)
1.12(2.85)
1.40(3.55)
1.52(3.85)


Similar Part No. - SMF

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
SOD 123FL Plastic-Encapsulate Diodes
logo
Littelfuse
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Sanyou Corporation Limi...
SMF SANYOU-SMF Datasheet
92Kb / 3P
Miniature Power Relay
logo
Anova Technologies CO.,...
SMF ANOVA-SMF Datasheet
351Kb / 3P
Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com