Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF26 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SMF26
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMF26 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SMF26 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMF26 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 .0
1.5
1.0
0.5
0
50
70
90
110 130 150
170 190 210 230
RESISTIVE OR
INDUCTIVE LOAD P.C.
BOARD MOUNTED ON
8.0mm2 COPPER LAND
AREAS
LEAD TEMPERATURE, ¢J
50
10
1
0.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
TJ = 25 ¢J
f = 1.0mHz
Vsig = 50Mvp-p
S22- 24
S25-26
S28-S200
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
100
10
1
0.1
0.4
1
4
10
40
80 100
TJ = 25 ¢J
f = 1.0MHz
Vsig = 50mVp-p
S 22-24
S 25-200
REVERSE VOLTAGE VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
0.01
0.001
20
40
60
80
100
120
140
T
J = 75 ¢J
T
J = 25 ¢J
T
J = 100 ¢J
S 22-24
S 25-200
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
60
50
40
30
20
10
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE-WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
DEVICE CHARACTERISTICS
SMF22 thru SMF210
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
2
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com