Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF110 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMF110
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMF110 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMF110 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMF110 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SMF12 thru SMF110
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE - 20 TO 100 VOLTS CURRENT - 1.0 AMPERES
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
FEATURES
MECHANICAL DATA
www.paceleader.tw
SMF
SYMBOLS SMF12
SMF13 SMF14 SMF15 SMF16 SMF18 SMF19 SMF110 UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
64
71
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
V
Maximum Average Forward Rectified Current
at TL (See figure 1)
I(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed
on rated load (JEDEC method)
IFSM
30.0
A
Maximum Instantaneous Forward Voltage at 1.0A
(Note 1)
VF
0.50
0.70
0.85
V
Maximum DC Reverse Current (Note 1) Ta= 25°C
at Rated DC Blocking Voltage Ta=100°C
IR
0.5
20.0
mA
Maximum Thermal Resistance(Note 2)
RθJL
RθJA
28.0
88.0
°C/W
Operating and Storage Temperature Range TJ
TJ
-50 to +1
50
°C
Storage Temperature Range
TSTG
-55 to +150
°C
NOTES:
A.Pulse Test with PW =300µsec, 2% Duty Cycle.
B.Mounted on P.C. Board with 5.0mm2 (.013mm thick) copper pad areas.
.011(2.80)
.095(2.40)
.009(0.22)
.006(0.15)
.052(1.30)
.043(1.10)
.035(0.90)
.173(4.40)
1
2
.141(3.60)
.126(3.20)
.189(4.80)
.056(1.43)
.054(1.38)
TYPICAL
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
For surface mounted applications
•
Low profile package
•
Built-in strainrelief
•
Metal to silicon rectifier. majority carrier conduction
•
Low power loss,high efficiency
•
High surge capacity
•
High current capacity
•
For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
•
High temperaturesoldering guaranteed: 260°C /10 seco
at terminals
•
High temperature soldering : 260 OC / 10 seconds at ter
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
Case
JEDEC DO-214AC molded plastic
Terminals
Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Color band denotes cathode end
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.002 ounce, 0.064gram


Similar Part No. - SMF110

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMF110 JUXING-SMF110 Datasheet
756Kb / 4P
Glass Passivated TVS
logo
GS Yuasa Battery Sales ...
SMF110 GSYUASABATTERY-SMF110 Datasheet
303Kb / 1P
Capacity (20-hour) 80Ah
logo
Microdiode Semiconducto...
SMF110(C)A CHENDA-SMF110(C)A Datasheet
579Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
SMF110A ONSEMI-SMF110A Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Pan Jit International I...
SMF110A PANJIT-SMF110A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF110

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com