Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML312ECT Datasheet(PDF) 2 Page - Rohm

Part # SML312ECT
Description  1608 standard size(1.6횞0.8mm, t=0.8mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML312ECT Datasheet(HTML) 2 Page - Rohm

  SML312ECT Datasheet HTML 1Page - Rohm SML312ECT Datasheet HTML 2Page - Rohm SML312ECT Datasheet HTML 3Page - Rohm SML312ECT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40 -20
0
20
40
60
80 100
1.6
IF=20mA
■ ■SML-311UT
■SML-311DT
■SML-311WT
■SML-311YT
FORWARD CURRENT:IF (mA)
Ta=25°C
0.1
1
10
100
100
10
1.0
0.1
AMBIENT TEMPERATURE:Ta (°C)
0
10
20
30
-40 -20
0
20
40
60
80 100
AMBIENT TEMPERATURE:Ta (°C)
0
10
30
20
40
-40
-20
0
20
40
60
80
100
100
10
1
FORWARD VOLTAGE:VF (V)
2.0
2.5
1.0
1.5
3.0
■
■
■
■SML-310VT
■SML-310DT
■SML-310MT
■SML-310PT
■SML-310YT
AMBIENT TEMPERATURE:Ta (°C)
0
10
20
30
-40 -20
0
20
40
60
80 100
■ ■SML-310VT
■SML-310DT
■SML-310YT
■SML-310MT
■SML-310PT
FORWARD CURRENT:IF (mA)
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
2.5
3.0
f=1kHz
■ ■SML-310VT
■SML-310DT
■SML-310YT
■SML-310MT
■SML-310PT
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40 -20
0
20
40
60
80 100
1.6
IF=20mA
■
■
■
■SML-310VT
■SML-310DT
■SML-310YT
■SML-310MT
■SML-310PT
FORWARD VOLTAGE:VF (V)
100
10
1.0
1.0
1.5
2.0
2.5
0.1
Ta=25°C
■ ■SML-311UT
■SML-311DT
■SML-311WT
■SML-311YT
100
10
1
FORWARD VOLTAGE:VF (V)
2.5
3.0
3.5
4.0
Ta=25°C
■
■
■SML312BC4T
■SML312EC4T
■SML312BCT
■SML312ECT
□SML312WBCW(A)
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
■ ■SML312BC4T
■SML312EC4T
■SML312BCT
■SML312ECT
□SML312WBCW(A)
FORWARD CURRENT:IF (mA)
0
3
2
1
4
5
0
5
10
15
20
25
30
Ta=25°C
■ ■SML312BC4T
■SML312EC4T
■SML312BCT
■SML312ECT
□SML312WBCW(A)
■ ■SML-311UT
■SML-311DT
■SML-311WT
■SML-311YT
■ ■SML-311UT
■SML-311DT
■SML-311WT
■SML-311YT
■ ■SML312BC4T
■SML312EC4T
■SML312BCT
■SML312ECT
□SML312WBCW(A)
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Deratings
SML-31 series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com