Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC06-05DC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC06-05DC
Description  Very Compact AC-DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC06-05DC Datasheet(HTML) 1 Page - Recom International Power

  RAC06-05DC Datasheet HTML 1Page - Recom International Power RAC06-05DC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PA-29
www.recom-power.com
REV: 2/2014
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC06-C
6 Watt
Single/Dual
Output
● Very Compact AC-DC Power Supply
● 6 Watt PCB Mount Package
● Single and Dual Output Versions
● Universal Input Voltage Range
● Class II Power Supply with 3kVAC Isolation
● Low Output Ripple and Noise
● Short Circuit, Overload, Overtemp Protected
● Low Standby Power Consumption
● UL/cUL Certified, CE Marked
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
(1+2)
RAC06-3.3SC*
80-264
3.3
1500
70
12000µF
RAC06-05SC*
80-264
5
1200
75
6800µF
RAC06-09SC*
80-264
9
667
77
2500µF
RAC06-12SC*
80-264
12
500
78
1500µF
RAC06-15SC*
80-264
15
400
79
750µF
RAC06-24SC*
80-264
24
250
79
330µF
RAC06-05DC*
80-264
±5
±600
75
±3300µF
RAC06-12DC*
80-264
±12
±250
78
±680µF
RAC06-15DC*
80-264
±15
±200
79
±330µF
* add suffix /W for wired version
Input Voltage Range (with derating)
80-264VAC or 115-370VDC
Rated Power
6 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115/230VAC
120mA / 78mA typ.
No Load Power Consumption
250mW max.
Inrush Current (<2ms)
115/230VAC
30A/60A max.
Holdup Time (Full Load)
115VAC
10ms typ.
Leakage Current
0.85mA max.
Output Voltage Accuracy (Full load)
±2% max.
Line Voltage Regulation (low line, high line at full load)
±0.3% typ.
Load Voltage Regulation ( 5% to 100% full load )
±0.5% typ.
Output Ripple and Noise (20MHz BW)
3.3V Output
120mVp-p max.
(with 100nF across each output)
All Others
150mVp-p max.
Operating Frequency (full load)
132kHz typ.
Minimum Load = 0%
specifications valid for 5% minimum load only
RMS Isolation Voltage (input to output)
3kVAC / 1minute
Isolation Resistance (input to output)
1 G
Ω min.
Isolation Capacitance (input to output)
1000pF typ.
Short Circuit Protection
Hiccup, Automatic Restart
Overload Protection
115VAC/230VAC
115% ~ 145%
Output Overvoltage Protection
Zener Diode Clamp
(set at 4.8V - 5.4V for 3.3V and others 110% - 135% of its Nominal Output Voltage)
Over Voltage Category
OVC II
continued on next page
Description
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25
0
55
60
70
75 85 95
Natural Convection
Compact, low cost, high efficiency, universal input switching AC/DC power
module for PCB or wired mounting with single or dual outputs.
CE marked and UL/cUL Certified.
Derating Graph
(Ambient Temperature)
EN-60950-1 Certified
UL-60950-1 Certified
RoHS
2011/65/EU
6/6
Specifications (measured at TA 25°C, full load after warm-up)
E224736
Refer to Application Notes


Similar Part No. - RAC06-05DC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC06-05DC RECOM-RAC06-05DC Datasheet
82Kb / 2P
6 Watt Single/Dual Output
RAC06-05DC RECOM-RAC06-05DC Datasheet
82Kb / 2P
6 Watt Single/Dual Output
More results

Similar Description - RAC06-05DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PCI500-4A CANDD-PCI500-4A Datasheet
122Kb / 4P
AC/DC Compact PCI Power Supply
logo
Murata Manufacturing Co...
TPS_PCI500_4A MURATA-TPS_PCI500_4A Datasheet
1Mb / 4P
AC/DC Compact PCI Power Supply
logo
TDK Electronics
SWS-L TDK-SWS-L Datasheet
947Kb / 19P
Compact and high-power AC/DC power supply
logo
Recom International Pow...
RAC20-05SB RECOM-RAC20-05SB Datasheet
93Kb / 2P
Compact AC-DC Power Supply
RAC15-24SB-E RECOM-RAC15-24SB-E Datasheet
125Kb / 2P
Compact AC-DC Power Supply
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
Compact AC-DC Power Supply
RAC15-B RECOM-RAC15-B Datasheet
125Kb / 2P
Compact AC-DC Power Supply
RAC40-A RECOM-RAC40-A Datasheet
119Kb / 2P
Compact 40W AC-DC Power Supply
RAC05-B RECOM-RAC05-B Datasheet
86Kb / 2P
Very Compact AC-DC Power Supply
RAC10-B RECOM-RAC10-B Datasheet
95Kb / 2P
Compact AC-DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com