Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8262 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8262
Description  Coax - 50 Ohm Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8262 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8262 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8262 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8262 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8262 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MII Order #39 (China RoHS):
Yes
Military Specification:
MIL-C-17, M17/155-00001
RG Type:
58C/U
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
50
Nom. Inductance:
Inductance (µH/ft)
.077
Nom. Capacitance Conductor to Shield:
Capacitance (pF/ft)
30.8
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/ft)
1.54
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
10.8
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
4.1
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100 ft.)
1
.4
10
1.4
50
3.3
100
4.9
200
7.3
400
11.5
700
17.0
900
20.0
1000
21.5
Max. Operating Voltage - Non-UL:
Voltage
1400 V RMS
Notes (Overall)
Notes: Non-SWR swept version of RG-58.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8262 010U1000
1,000 FT
26.000 LB
BLACK
M17/155-00001 COAX
8262 010U500
500 FT
13.500 LB
BLACK
M17/155-00001 COAX
8262 0101000
1,000 FT
27.000 LB
BLACK
C
M17/155-00001 COAX
8262 010500
500 FT
14.000 LB
BLACK
C
M17/155-00001 COAX
Notes:
Page 2 of 3
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8262 Coax - 50 Ohm Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com