Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF062P Datasheet(PDF) 20 Page - Samsung semiconductor

Part # RF062P
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RF062P Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button RF062P Datasheet HTML 12Page - Samsung semiconductor RF062P Datasheet HTML 13Page - Samsung semiconductor RF062P Datasheet HTML 14Page - Samsung semiconductor RF062P Datasheet HTML 15Page - Samsung semiconductor RF062P Datasheet HTML 16Page - Samsung semiconductor RF062P Datasheet HTML 17Page - Samsung semiconductor RF062P Datasheet HTML 18Page - Samsung semiconductor RF062P Datasheet HTML 19Page - Samsung semiconductor RF062P Datasheet HTML 20Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
38
39
ISO / TS 16949
ISO 14001
OHSAS 18001
QC080000
2015 - 04 - 16
2012 - 04 - 17
EMS 585307
BSI
OHS 585308
Date
Validity
Number
Certification
Section
High Tech(China)
Authority
Date
Validity
Number
Authority
Date
Validity
Number
Authority
Date
Validity
Number
Authority
2012 - 04 - 17
2015 - 04 - 16
UL
PRC-HSPM-1766
2010 - 07 - 27
2013 - 07 - 26
BSI
BSI
TS 91430-008
2011 - 11 - 29
2014 - 11 - 28
Quality System Certification List
Table 1:Certification list of Samsung Factory
ISO/TS 16949
ISO 14001
OHSAS 18001
QC080000
Attention
1. This catalogue is valid only to the products purchased either from us or through our official distri-
butors.
2. Product specifications included in this catalogue are effective as of March 1, 2013.
Please be advised that they are standard product specifications for reference only.
We may change, modify or discontinue the product specifications without notice at any time.
So, you need to approve the product specifications before placing an order. Should you have any
question regarding our product specifications, please contact our sales personnel or application
engineers.
3. We may modify or cease to produce the products listed in this catalogue without notice. Should
you have any question, please contact our sales personnel or application engineers.
4. Without obtaining our permission, you should not be allowed to reproduce, copy, use or transfer
any content or information contained this catalogue in any manner whatsoever for any purpose.
5. In no event, will we be responsible for any claim, dispute, damage or liability whatsoever arising
from, relating to or in connection with your misuse of the products or/and information included in
this catalogue.
We will also not assume any responsibilities whatsoever for any claim, dispute, damage or liability
with regards to the intellectual property rights or other related rights of ours or any third party as-
sociated with your use of our products and/or information contained in this catalogue. Weexpres-
sly disclaim that no license is granted regarding the aforementioned rights.
6. Please note that the products in this catalogue are not designed or intended to use for the appoli-
cations set forth below. So, if you intend to use the products in this catalogue for the applications
listed below,you should contact our sales personnel or application engineers before using.
Please be aware that any misuse of the products deviating from product specifications or informa-
tion provided in this catalogue may cause a serious property damage or a personal injury.
① Aerospace/Aviation equipment
② Transportation equipment (vehicles, trains, ships, etc)
③ Medical equipment
④ Military equipment
⑤ Disaster prevention/crime prevention equipment
⑥ Any other applications with the same as or similar complexity or reliability to the applications set
forth above.
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com