Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM3AB2BD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RXM3AB2BD
Description  miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM3AB2BD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RXM3AB2BD Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM3AB2BD Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM3AB2BD Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM3AB2BD Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM3AB2BD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CAD overall height
27 mm
CAD overall depth
55 mm
Product weight
0.037 kg
Environment
Dielectric strength
1500 V AC (between contacts)
1550 V AC (between coil and contact)
1550 V AC (between poles)
Product certifications
CSA
UL
Standards
CSA C22-2 No 14
EN/IEC 61810-1 (iss. 2)
UL 508
Ambient air temperature for storage
-40...85 °C
Ambient air temperature for operation
-40...55 °C
Vibration resistance
3 gn (f = 10...150 Hz), amplitude +/- 1 mm (on opening) conforming to EN/IEC
60068-2-27
5 gn (f = 10...150 Hz), amplitude +/- 1 mm (on closing) conforming to EN/IEC
60068-2-27
IP degree of protection
IP40 conforming to EN/IEC 60529
Shock resistance
15 gn on closing conforming to EN/IEC 60068-2-27
15 gn on opening conforming to EN/IEC 60068-2-27
RoHS EUR status
Compliant
RoHS EUR conformity date
0801



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com