Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F40NF03L Datasheet(PDF) 13 Page - STMicroelectronics

Part # F40NF03L
Description  N-channel 30 V, 0.018, 40 A TO-220, TO-220FP STripFET Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

F40NF03L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button F40NF03L Datasheet HTML 6Page - STMicroelectronics F40NF03L Datasheet HTML 7Page - STMicroelectronics F40NF03L Datasheet HTML 8Page - STMicroelectronics F40NF03L Datasheet HTML 9Page - STMicroelectronics F40NF03L Datasheet HTML 10Page - STMicroelectronics F40NF03L Datasheet HTML 11Page - STMicroelectronics F40NF03L Datasheet HTML 12Page - STMicroelectronics F40NF03L Datasheet HTML 13Page - STMicroelectronics F40NF03L Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STF40NF03L, STP40NF03L
Revision history
Doc ID 6794 Rev 8
13/14
5
Revision history
Table 7.
Document revision history
Date
Revision
Changes
09-Sep-2004
1
Preliminary version
21-Jun-2005
2
Complete version with curves
16-Aug-2006
3
New template, no content change
21-Feb-2007
4
Typo mistake on page 1
20-Nov-2008
5
Figure 9: Static drain-source on resistance has been corrected.
14-Apr-2009
6
The device in TO-220FP has been added
03-Feb-2010
7
Updated
Table 3: Thermal data.
22-Feb-2010
8
Updated
Table 3: Thermal data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com