Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW50H60DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGW50H60DF
Description  50 A, 600 V field stop trench gate IGBT with Ultrafast diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50H60DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGW50H60DF Datasheet HTML 4Page - STMicroelectronics STGW50H60DF Datasheet HTML 5Page - STMicroelectronics STGW50H60DF Datasheet HTML 6Page - STMicroelectronics STGW50H60DF Datasheet HTML 7Page - STMicroelectronics STGW50H60DF Datasheet HTML 8Page - STMicroelectronics STGW50H60DF Datasheet HTML 9Page - STMicroelectronics STGW50H60DF Datasheet HTML 10Page - STMicroelectronics STGW50H60DF Datasheet HTML 11Page - STMicroelectronics STGW50H60DF Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STGW50H60DF
Revision history
Doc ID 018673 Rev 5
11/12
5
Revision history
Table 10.
Document revision history
Date
Revision
Changes
28-Apr-2011
1
Initial release.
26-Jul-2011
2
Added: tSC and TSTG Table 2 on page 2.
Updated:
Table 4, Table 5, Table 6 on page 3 and Table 7 on page 4.
12-Jan-2012
3
Document status promoted from preliminary data to datasheet.
10-Feb-2012
4
Added:
Section 2.1: Electrical characteristics (curves).
26-Jul-2012
5
Modified:
Figure 8 on page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com