Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2761 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NJM2761
Description  Audio Limiter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJM2761 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  NJM2761 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM2761 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM2761 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM2761 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM2761 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM2761 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM2761 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJM2761 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2761
-7 -
■ TYPICAL CHARACTERISTICS
0
0.5
1
1.5
2
05
10
15
V+ - Icc
Vcc[V]
V+=5V,No-Signal,Limiter=ON,Rsense=20k
Ω
0
0.5
1
1.5
2
-20
0
20
40
60
80
Icc-Temperature
Temperature [Co]
V+=5V,No-Signal,Limiter=ON,Rsense=20k
Ω
0.01
0.1
1
0.01
0.1
1
Limit Response-V +
Input[Vrms]
Vin=0dBV,Limiter=ON,Rsense=20k
Ω
V+=13.0V
V+=2.7V
V+=5.0V
0.01
0.1
1
10
0.0001 0.001
0.01
0.1
1
Vom
Input[Vrms]
f=1kHz,Limiter=OFF,Rsense=20k
Ω
V
+=2.7V
V
+=5.0V
V
+=13.0V
0.01
0.1
1
0.01
0.1
1
Limit Response-Rsense
Input[Vrms]
V+=5V,f=1kHz,Limiter=ON
Rsense=4k
Rsense=8k
Rsense=20k
0.01
0.1
1
0.01
0.1
1
Limit Response-Temperature
Input[Vrms]
-20C
o
25Co
75Co
V+=5V,Vin=0dBV,Limiter=ON,Rsense=20k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com