Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX101319 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AX101319
Description  Modular Connectors - CAT6 Modular Jack - KeyConnect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101319 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AX101319 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX101319 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX101319 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX101319 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Max. Contact Resistance:
20 m-Ohm
Termination Resistance:
2.5 m-Ohm
Notes (Overall)
Notes: Please see Installation Guide PX103329
Product Family
Part Number List:
Item Number Color
AX101318
Gray
AX101319
Almond
AX101320
Elec. White
AX101321
Black
AX101322
Orange (TIA 606)
AX101323
Red (TIA 606)
AX101324
Yellow (TIA 606)
AX101325
Green (TIA 606)
AX101326
Blue (TIA 606)
AX101327
Purple (TIA 606)
AX101328
Brown (TIA 606)
AX103076
Ivory
AX104189
Orange
AX104190
Red
AX104191
Yellow
AX104192
Green
AX104193
Blue
AX104194
Purple
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
AX101319
1 EA
0.024 LB
CAT6+ JACK KCONN ALMOND
Revision Number: 1
Revision Date: 08-11-2010
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 3 of 3
09-18-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101319 Modular Connectors - CAT6+ Modular Jack - KeyConnect



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com