Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B130SL Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # B130SL
Description  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

B130SL Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  B130SL Datasheet HTML 1Page - PACELEADER INDUSTRIAL B130SL Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
B120SL thru B140SL
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-50 to +150
-50 to +150
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JL
R JA
1.0
30
.098(2.50)
.114(2.90)
.006(.152)
.012(.305)
.188(4.80)
.004(.102)
.157(4.00)
.055(1.40)
.062(1.60)
.078(2.00)
.096(2.44)
.030(0.76)
.060(1.52)
.181(4.60)
.008(.203)
.208(5.28)
SMA/DO-214AC
Dimensions in inches and (millimeters)
VOLTAGE - 20 TO 40 VOLTS
CURRENT - 1.0 AMPERES
NOTES
1. Pulse test with pw=300 sec, 1% duty cycle
2
2. Measured on P.C.B WITH 5.0mm (0.13mm thick ) copper pad areas
TJ
TSTG
0.5
20
28
88
mA
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
For surface mount applications
Low profile package
Built-in strain relief
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
Easy pick and place
High curren capability, low VF
High surge capacity
For use in low voltage gigh frequency inverters,
Free wheeling, and protection applications
High temperature soldering guaranteed
High temperature soldering
o
260 C/10 seconds at terminsls
Pb free product at available 99% Sn above meet RoHs
Environment substance directive request
Case JEDEC DO-214AC molded plastic
Terminals Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Color band denotes cathode
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.002 ounce, 0.064gram
o
Ratings at 25 C ambient temperature unless otherwise specified
Resistive or inductive load
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL
(see Figure 1)
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A (Note 1)
0
Maximum DC Reverse Current (NOTE 1) TA=25 C (Note 1)
0
at Rated DC Blocking Voltage TA=100 C
Maximum Thermal Resistance (NOTE 2)
Operating Junction Capacitance Range
Storage and Operating Temperature Range
B120SL
20
14
20
B130SL
30
21
30
B140SL
40
28
40
0.32
0.35
www.paceleader.tw
W
W


Similar Part No. - B130SL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B130 DIODES-B130 Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Fuji Electric
B130 FUJI-B130 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B130 WEITRON-B130 Datasheet
213Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Monolithic Power System...
B130 MPS-B130 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Galaxy Semi-Conductor H...
B130 BILIN-B130 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B130SL

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS10100HE-AU PANJIT-SS10100HE-AU Datasheet
150Kb / 5P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
November 3,2017-REV.06
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com