Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2F Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # ES2F
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ES2F Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  ES2F Datasheet HTML 1Page - PACELEADER INDUSTRIAL ES2F Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES ES2A THRU ES2J
FIG.3-MAXIMU MNON-REPETITIV EPEA KFO RWARD
SURGECURRENT
1
10
100
60
40
20
10
0
50
30
NUMBER OFCYCLE S AT60Hz
8.3msSingl eHal fSin e Wave
(JEDECMethod ) at T =120 C
L
o
FIG.1-MAXIMU MFO RWARDCURREN TDER ATING
CURVE
80
90
100
120
140
150
130
110
0
2.0
3.0
1.0
LEADTEMPER ATURE. ( C)
O
RESISTIVEOR
INDUCTIVELOAD
0.2X0.2"(5.0X5.0mm)
COPPER PADAREAS
1
0
0
10
100
60
40
20
10
50
FIG.4
30
-TYPICA LJUNCTIO NCA PACITANCE
REVERSEVO LTAGE.(V)
D
-
A
2
S
E
J
-
F
2
S
E
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.2-TYPICA LREVERS ECHARACTERISTICS
0
20
40
60
80
100
120
140
10
100
1000
1
0.1
0.01
PERCENT OF RATEDPEA KREVERS EVO LTAGE.(%)
Tj=125 C
0
Tj=85 C
0
Tj=25 C
0
FIG.5-TYPICA LINS TANTANEOUS
FORWARDCHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
1
10
60
0.1
FORWARDVO LTAGE.(V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.6-REVERS ERECOVE RYTIM ECHARACTERISTI CAN DTES TCIRCUI TDIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE1)
PULSE
GENERATOR
(NOTE2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1.Ris e Time=7nsmax .Inpu tImpedance=
1megoh m22pf
2.Ris e Time=10nsmax .Sours eImpedance=
50ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SETTIM EBAS EFOR
5/10ns / cm
SURFACE MOUNT SUPERFAST RECTIFIER
SURFACE MOUNT SUPERFAST RECTIFIER
ES2A thru ES2J
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com