Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB24F Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # KMB24F
Description  MINI SURFACE MOUNT SCHOTTKKY Y BARRIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

KMB24F Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  KMB24F Datasheet HTML 1Page - PACELEADER INDUSTRIAL KMB24F Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE- 20 to 8 0 Volts CURRENT- 2.0 Amperes
thru
KMB22F
KMB28F
FEATURES
MECHANICAL DATA
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
1
www.paceleader.tw
Dimensions in inches and (millimeters)
Thin Mini-Dip (THIN MD)
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
For surface mounted applications
•
Low profile package
•
Built-in strain relief
•
Metal to silicon rectifier. majority carrier conduction
•
Low power loss,high efficiency
•
High surge capacity
•
High current capacity ,low VF
•
For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
•
High temperature soldering guaranteed: 260°C /10 seconds
at terminals
•
High temperature soldering : 260
OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
•
Terminals:Solder plated, solderable per MIL-STD-750,
Method 2026
•
Polarity: Color band denotes cathode
•
Standard packaging: 12mm tape (EIA-481)
•
Weight: 0 .099 gram
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
SYMBOLS
kMB22F
K MB24F
K MB26F
K MB28F
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
80
V
Maximum RMS Voltage
VRMS
14
28
42
56
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
V
Maximum Average Forward Rectified Current
at TL (See figure 1)
I(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed
on rated load (JEDEC method)
IFSM
50.0
A
Maximum Instantaneous Forward Voltage at 2.0A
(Note 1)
VF
0.50
0.70
0.85
V
Maximum DC Reverse Current (Note 1) Ta= 25°C
at Rated DC Blocking Voltage Ta=100°C
IR
0.5
10.0
mA
Maximum Thermal Resistance(Note 2)
RθJL
RθJA
20.0
80.0
°C/W
Operating and Storage Temperature Range TJ
TJ
-50 to +1
50
°C
Storage Temperature Range
TSTG
-55 to +150
°C
NOTES:
A.Pulse Test with PW =300µsec, 2% Duty Cycle.
B.Mounted on P.C. Board with 5.0mm2 (.013mm thick) copper pad areas.
UNITS
Marking Code
K MB22F
K MB24F
K MB26F
K B28F
MINI SURFACE MOUNT SCHOTTKY
BARRIER SINGLE-PHASE BRIDGE RECTIFIER
B
KY


Similar Part No. - KMB24F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KMB24F JUXING-KMB24F Datasheet
926Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Semiconducto...
KMB24F CHENDA-KMB24F Datasheet
522Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Zibo Seno Electronic En...
KMB24F ZSELEC-KMB24F Datasheet
394Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
KMB24F CHENDA-KMB24F Datasheet
458Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB24F JUXING-KMB24F Datasheet
951Kb / 2P
Surface Mount Schottky Bridge Rectifiers
More results

Similar Description - KMB24F

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SR22 TRSYS-SR22 Datasheet
173Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SR22 PANJIT-SR22_05 Datasheet
39Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22E PANJIT-SR22E Datasheet
188Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_05 Datasheet
50Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR22 PANJIT-SR22_09 Datasheet
120Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32E PANJIT-SR32E Datasheet
111Kb / 3P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR34 TAYCHIPST-BR34 Datasheet
1Mb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MBRA120 TAYCHIPST-MBRA120 Datasheet
1Mb / 2P
SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
logo
Pan Jit International I...
BR36-AU PANJIT-BR36-AU Datasheet
196Kb / 5P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 PANJIT-SR32_16 Datasheet
287Kb / 5P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com