Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB28S Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # KB28S
Description  SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

KB28S Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  KB28S Datasheet HTML 1Page - PACELEADER INDUSTRIAL KB28S Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MECHANICAL DATA
FEATURES
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
www.paceleader.tw
KB22S thru KB28S
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
Rating at 25℃ ambient temperature unless otherwise specified.
VOLTAGE- 20 to 8 0 Volts CURRENT- 2.0 Amperes
Resistive or inductive load
SYMBOLS
K B22S
K B24S
K B26S
K B28S
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
80
V
Maximum RMS Voltage
VRMS
14
28
42
56
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
V
Maximum Average Forward Rectified Current
at TL (See figure 1)
I(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed
on rated load (JEDEC method)
IFSM
50.0
A
Maximum Instantaneous Forward Voltage at 2.0A
(Note 1)
VF
0.50
0.70
0.85
V
Maximum DC Reverse Current (Note 1) Ta= 25°C
at Rated DC Blocking Voltage Ta=100°C
IR
0.5
10.0
mA
Maximum Thermal Resistance(Note 2)
RθJL
RθJA
20.0
80.0
°C/W
Operating and Storage Temperature Range TJ
TJ
-50 to +1
50
°C
Storage Temperature Range
TSTG
-55 to +150
°C
UNITS
Marking Code
K B22S
K B24S
K B26S
K B28S
•
Forsurface mounted applications
• Low profile package
•
Built-in strain relief
•
Low power loss.high efficiency
•
High surge capacity
•
•
For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• High temperature soldering guaranteed: 260°C /10 seconds
•
Pb free product at av : 99% Sn above meet RoHS
environment substnce directive request
•
Plastic package has Underwriters Laboratory
Flammability Classition 94V-O
•
Metal to silicon rectifier.majority carrier conduction
at terminals
High current capacity,low VF
•
Terminas:Solder plated, solderable per MIL-STD-750,
Method 2026
•
Polarity: Color band denotes cathode
•
Standard packagng: 12mm tape (EIA-481)
•
Weight : 0.008 ounce,0.22 gram.


Similar Part No. - KB28S

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB2800CGKD KINGBRIGHT-KB2800CGKD Datasheet
349Kb / 6P
8.89mmx3.81mm LED LIGHT BAR
KB2800SGD KINGBRIGHT-KB2800SGD Datasheet
198Kb / 4P
8.89mmx3.81mm LED LIGHT BAR
logo
France Joint
KB280X115X6 FRANCEJOINT-KB280X115X6 Datasheet
405Kb / 5P
STANDARD SHAFT SEALS
logo
Kingbright Corporation
KB2820CGKD KINGBRIGHT-KB2820CGKD Datasheet
346Kb / 6P
8.89mmx3.81mm LED LIGHT BAR
KB2820SGD KINGBRIGHT-KB2820SGD Datasheet
198Kb / 4P
8.89mmx3.81mm LED LIGHT BAR
More results

Similar Description - KB28S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SBT210S HY-SBT210S Datasheet
49Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
logo
PACELEADER INDUSTRIAL
KB12S PACELEADER-KB12S Datasheet
291Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
SBT14S HY-SBT14S Datasheet
124Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SBT110S HY-SBT110S_17 Datasheet
124Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SBT210S HY-SBT210S_17 Datasheet
127Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SB12S HY-SB12S_V01 Datasheet
407Kb / 3P
Surface Mount Schottky Barrier Bridge Rectifiers
SBT14S HY-SBT14S_V01 Datasheet
415Kb / 3P
Surface Mount Schottky Barrier Bridge Rectifiers
SBT110S HY-SBT110S_V01 Datasheet
415Kb / 3P
Surface Mount Schottky Barrier Bridge Rectifiers
SBT210S HY-SBT210S_V01 Datasheet
411Kb / 3P
Surface Mount Schottky Barrier Bridge Rectifiers
SABS36 HY-SABS36 Datasheet
305Kb / 3P
Surface Mount Schottky Barrier Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com