Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBS6F Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBS6F
Description  SINGLE 1.0 .PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBS6F Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBS6F Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBS6F Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE- 200 to 1000 VOLTS CURRENT- 1.0 Amperes
thru
MBS2F
MBS10F
SINGLE PHASE 1.0 .GLASS PASSIVATED BRIDGE RECTIFIER
B
FEATURES
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
1
www.paceleader.tw
Dimensions in inches and (millimeters)
Thin Mini-Dip (THIN MD)
SINGLE PHASE 1.0 .GLASS PASSIVATED BRIDGE RECTIFIER
SINGLE PHASE 1.0 .GLASS PASSIVATED BRIDGE RECTIFIER
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
260℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
High surge current capability
Type Number
Symbol MBS2F MBS4F MBS6F
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
0.8
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 0.4A
VF
0
.95
V
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage
IR
10
uA
uA
Typical Thermal resistance Junction to Lead
On aluminum substrate
On Glass-Epoxy substrate
RθJL
RθJA
25
62.5
80
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
MBS10F
MBS8F


Similar Part No. - MBS6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS6 ETC-MBS6 Datasheet
42Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS6 TSC-MBS6 Datasheet
55Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
167Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
198Kb / 4P
Glass Passivated Bridge Rectifiers
More results

Similar Description - MBS6F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
ABS2 YEASHIN-ABS2 Datasheet
751Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Thinki Semiconductor Co...
DB101S THINKISEMI-DB101S Datasheet
660Kb / 2P
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DF005S THINKISEMI-DF005S Datasheet
606Kb / 2P
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DB101S THINKISEMI-DB101S Datasheet
660Kb / 2P
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DF005S THINKISEMI-DF005S Datasheet
660Kb / 2P
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
logo
Nanjing International G...
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Foster Semicon...
ABS201G FOSTER-ABS201G Datasheet
5Mb / 3P
1.0 Amps Surface Mount Glass Passivated Bridge Rectifier
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Version 1.3 2015/4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com