Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMA Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # P4SMA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

P4SMA Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  P4SMA Datasheet HTML 1Page - PACELEADER INDUSTRIAL P4SMA Datasheet HTML 2Page - PACELEADER INDUSTRIAL P4SMA Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Uni
Bi
Min (V)
Max (V)
IT (mA)
P4SMA6.8A
P4SMA6.8CA 6V8A 6V8C
6.46
7.14
10
1000
5.8
38.10
10.5
P4SMA7.5A
P4SMA7.5CA 7V5A 7V5C
7.13
7.88
10
500
6.4
35.40
11.3
P4SMA8.2A
P4SMA8.2CA 8V2A 8V2C
7.79
8.61
10
200
7.0
33.06
12.1
P4SMA9.1A
P4SMA9.1CA 9V1A 9V1C
8.65
9.56
1
50
7.8
29.85
13.4
P4SMA10A
P4SMA10CA
10A
10C
9.50
10.50
1
10
8.6
27.59
14.5
P4SMA11A
P4SMA11CA
11A
11C
10.45
11.55
1
5
9.4
25.64
15.6
P4SMA12A
P4SMA12CA
12A
12C
11.40
12.60
1
5
10.2
23.95
16.7
P4SMA13A
P4SMA13CA
13A
13C
12.35
13.65
1
5
11.1
21.98
18.2
P4SMA15A
P4SMA15CA
15A
15C
14.25
15.75
1
5
12.8
18.87
21.2
P4SMA16A
P4SMA16CA
16A
16C
15.20
16.80
1
5
13.6
17.78
22.5
P4SMA18A
P4SMA18CA
18A
18C
17.10
18.90
1
5
15.3
15.87
25.2
P4SMA20A
P4SMA20CA
20A
20C
19.00
21.00
1
5
17.1
14.44
27.7
P4SMA22A
P4SMA22CA
22A
22C
20.90
23.10
1
5
18.8
13.07
30.6
P4SMA24A
P4SMA24CA
24A
24C
22.80
25.20
1
5
20.5
12.05
33.2
P4SMA27A
P4SMA27CA
27A
27C
25.65
28.35
1
5
23.1
10.67
37.5
P4SMA30A
P4SMA30CA
30A
30C
28.50
31.50
1
5
25.6
9.66
41.4
P4SMA33A
P4SMA33CA
33A
33C
31.35
34.65
1
5
28.2
8.75
45.7
P4SMA36A
P4SMA36CA
36A
36C
34.20
37.80
1
5
30.8
8.02
49.9
P4SMA39A
P4SMA39CA
39A
39C
37.05
40.95
1
5
33.3
7.42
53.9
P4SMA43A
P4SMA43CA
43A
43C
40.85
45.15
1
5
36.8
6.75
59.3
P4SMA47A
P4SMA47CA
47A
47C
44.65
49.35
1
5
40.2
6.17
64.8
P4SMA51A
P4SMA51CA
51A
51C
48.45
53.55
1
5
43.6
5.71
70.1
P4SMA56A
P4SMA56CA
56A
56C
53.20
58.80
1
5
47.8
5.19
77.0
P4SMA62A
P4SMA62CA
62A
62C
58.90
65.10
1
5
53.0
4.71
85.0
P4SMA68A
P4SMA62CA
68A
68C
64.60
71.40
1
5
58.1
4.35
92.0
P4SMA75A
P4SMA75CA
75A
75C
71.25
78.75
1
5
64.1
3.88
103.0
P4SMA82A
P4SMA82CA
82A
82C
77.90
86.10
1
5
70.1
3.54
113.0
P4SMA91A
P4SMA91CA
91A
91C
86.45
95.55
1
5
77.8
3.20
125.0
P4SMA100A
P4SMA100CA 100A 100C
95.00
105.00
1
5
85.5
2.92
137.0
P4SMA110A
P4SMA110CA 110A 110C
104.50
115.50
1
5
94.0
2.63
152.0
P4SMA120A
P4SMA120CA 120A 120C
114.00
126.00
1
5
102.0
2.42
165.0
P4SMA130A
P4SMA130CA 130A 130C
123.50
136.50
1
5
111.0
2.23
179.0
P4SMA150A
P4SMA150CA 150A 150C
142.50
157.50
1
5
128.0
1.93
207.0
P4SMA160A
P4SMA160CA 160A 160C
152.00
168.00
1
5
136.0
1.83
219.0
P4SMA170A
P4SMA170CA 170A 170C
161.50
178.50
1
5
145.0
1.71
234.0
P4SMA180A
P4SMA180CA 180A 180C
171.00
189.00
1
5
154.0
1.63
246.0
P4SMA200A
P4SMA200CA 200A 200C
190.00
210.00
1
5
171.0
1.46
274.0
P4SMA220A
P4SMA220CA 220A 220C
209.00
231.00
1
5
185.0
1.22
328.0
P4SMA250A
P4SMA250CA 250A 250C
237.50
262.50
1
5
214.0
1.16
344.0
P4SMA300A
P4SMA300CA 300A 300C
285.00
315.00
1
5
256.0
0.97
414.0
P4SMA350A
P4SMA350CA 350A 350C
332.50
367.50
1
5
299.3
0.83
482.0
P4SMA380A
P4SMA380CA 380A 380C
361.00
399.00
1
5
324.9
0.76
524.4
P4SMA400A
P4SMA400CA 400A 400C
380.00
420.00
1
5
342.0
0.72
552.0
P4SMA440A
P4SMA440CA 440A 440C
418.00
462.00
1
5
376.2
0.66
607.2
P4SMA500A
P4SMA500CA 500A 500C
475.00
525.00
1
5
427.5
0.58
690.0
P4SMA520A
P4SMA520CA 520A 520C
494.00
546.00
1
5
444.6
0.56
717.6
P4SMA550A
P4SMA550CA 550A 550C
522.50
577.50
1
5
470.3
0.53
759.0
P4SMA600A
P4SMA600CA 600A 600C
570.00
630.00
1
5
513.0
0.48
828.0
Note:
1. The available parts are "A" type only,the parts without A(VBR is ±10%) is not available
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA Series
2
www.paceleader.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com