Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ3V3 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MMSZ3V3
Description  SURFACE MOUNT ZENER TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMSZ3V3 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MMSZ3V3 Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMSZ3V3 Datasheet HTML 2Page - PACELEADER INDUSTRIAL MMSZ3V3 Datasheet HTML 3Page - PACELEADER INDUSTRIAL MMSZ3V3 Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
www.paceleader.tw
4
MMSZ2V4 thru MMSZ75V
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
MMSZ2V4
2V4Z
2.28
2.4
2.52
5
94
1
564
45
1
MMSZ2V7
2V7Z
2.57
2.7
2.84
5
94
1
564
18
1
MMSZ3V0
3V0Z
2.85
3.0
3.15
5
89
1
564
9
1
MMSZ3V3
3V3Z
3.14
3.3
3.47
5
89
1
564
4.5
1
MMSZ3V6
3V6Z
3.42
3.6
3.78
5
84
1
564
4.5
1
MMSZ3V9
3V9Z
3.71
3.9
4.10
5
84
1
564
2.7
1
MMSZ4V3
4V3Z
4.09
4.3
4.52
5
84
1
564
2.7
1
MMSZ4V7
4V7Z
4.47
4.7
4.94
5
75
1
470
2.7
2
MMSZ5V1
5V1Z
4.85
5.1
5.36
5
56
1
451
1.8
2
MMSZ5V6
5V6Z
5.32
5.6
5.88
5
37
1
376
0.9
2
MMSZ6V2
6V2Z
5.89
6.2
6.51
5
9
1
141
2.7
4
MMSZ6V8
6V8Z
6.46
6.8
7.14
5
14
1
75
1.8
4
MMSZ7V5
7V5Z
7.11
7.5
7.86
5
14
1
75
0.9
5
MMSZ8V2
8V2Z
7.79
8.2
8.61
5
14
1
75
0.63
5
MMSZ9V1
9V1Z
8.65
9.1
9.56
5
14
1
94
0.45
6
MMSZ10V
10VZ
9.50
10
10.50
5
18
1
141
0.18
7
MMSZ11V
11VZ
10.45
11
11.55
5
18
1
141
0.09
8
MMSZ12V
12VZ
11.40
12
12.60
5
23
1
141
0.09
8
MMSZ13V
13VZ
12.35
13
13.65
5
28
1
160
0.09
8
MMSZ15V
15VZ
14.25
15
15.75
5
28
1
188
0.045
10.5
MMSZ16V
16VZ
15.20
16
16.80
5
37
1
188
0.045
11.2
MMSZ18V
18VZ
17.10
18
18.90
5
42
1
212
0.045
12.6
MMSZ20V
20VZ
19.00
20
21.00
5
51
1
212
0.045
14.0
o
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
MMSZ24V
24VZ
22.80
24
25.20
5
65
1
235
0.045
16.8
MMSZ27V
27VZ
25.65
27
28.35
5
75
0.5
282
0.045
18.9
MMSZ30V
30VZ
28.50
30
31.50
5
75
0.5
282
0.045
21.0
MMSZ33V
33VZ
31.35
33
34.65
5
75
0.5
306
0.045
23.0
MMSZ36V
36VZ
34.20
36
37.80
5
84
0.5
329
0.045
25.2
MMSZ39V
39VZ
37.05
39
40.95
5
122
0.5
329
0.045
27.3
MMSZ43V
43VZ
40.85
43
45.15
5
141
0.5
353
0.045
30.1
MMSZ47V
47VZ
44.65
47
49.35
5
160
0.5
353
0.045
33.0
MMSZ51V
51VZ
48.45
51
53.55
5
169
0.5
376
0.045
35.7
MMSZ56V
56VZ
53.20
56
58.80
5
188
0.5
400
0.045
39.2
MMSZ62V
62VZ
58.90
62
65.10
5
202
0.5
423
0.045
43.4
MMSZ68V
68VZ
64.60
68
71.40
5
226
0.5
447
0.045
47.6
MMSZ75V
75VZ
71.25
75
78.75
5
240
0.5
470
0.045
52.5
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (VZ) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest YEASHIN representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com