Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF502F Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SF502F
Description  SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SF502F Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SF502F Datasheet HTML 1Page - PACELEADER INDUSTRIAL SF502F Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 50 TO 600 VOLTS
CURRENT - 5.0 AMPERES
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
SF501F thru SF507F
FEATURES
MECHANICAL DATA
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
NOTES
1. Reverse Recovery Time test condition IF=0.5A , IR=1.0A , IRR=0.25A
2. Measured at 1.0MHz and applied reverse Voltage of 4.0V D.C
ITO-220AC
www.paceleader.tw
•
Superfast recovery times-epitaxial construction.
•
Low forward voltage, high current capability.
•
Exceeds environmental standards of MIL-S-19500/228.
•
Hermetically sealed.
•
Low leakage.
•
High surge capability.
•
Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
High temperature soldering : 260
•
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
•
environment substance directive request
•
Case: Molded plastic
•
Epoxy: UL 94V-0 rate flame retardant
•
Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
•
Polarity: As Marked
•
Mounting position: Any
•
Weight: 2.24 grams
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
150
200
300
400
600
V
Maximum RMS Voltage
35
70
105
140
210
320
420
V
Maximum DC Blocking Voltage
50
100
150
200
300
400
600
V
Maximum Average Forward Current .375"(9.5mm)
lead length at TA=55 ¢J
5.0
A
Peak Forward Surge Current, IFM (surge):8.3ms single
halfsine-wave superimposed on rated load(JEDEC method)
150.0
A
Maximum Forward Voltage at 5.0A DC
0.95
1.25
1.7
0
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
5.0
µA
Maximum DC Reverse Current at Rated DC Blocking Voltage
TA=125℃
300
µA
Maximum Reverse Recovery Time(Note 1)
35.0
nS
Typical Junction capacitance (Note 2)
45
pF
Typical Junction Resistance(Note 3) RθJA
25
℃
/W
Operating and Storage Temperature Range TJ
-
60 to +150
℃
SF501F
SF502F
SF503F
SF504F
SF505F
SF506F
SF507F


Similar Part No. - SF502F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF502 GOOD-ARK-SF502 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF502 JINANJINGHENG-SF502 Datasheet
89Kb / 2P
SUPER FAST RECTIFIER
logo
Guangdong Juxing Electr...
SF502DS JUXING-SF502DS Datasheet
1Mb / 3P
Superfast Recovery Rectitiers
logo
DONGGUAN YOU FENG WEI E...
SF502DS YFWDIODE-SF502DS Datasheet
473Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Microdiode Semiconducto...
SF502ED CHENDA-SF502ED Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF502F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1600CT PANJIT-ER1600CT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF801F PACELEADER-SF801F Datasheet
585Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001CT PACELEADER-SF1001CT Datasheet
583Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001FCT PACELEADER-SF1001FCT Datasheet
581Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1601CT PACELEADER-SF1601CT Datasheet
730Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Continental Device Indi...
MUR420 CDIL-MUR420 Datasheet
193Kb / 5P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF2001CT PACELEADER-SF2001CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SF51 KOOCHIN-SF51 Datasheet
306Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
SF3X HORNBY-SF3X Datasheet
255Kb / 3P
SUPERFAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
ES3A DAESAN-ES3A_V01 Datasheet
576Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com