Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2005CT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SF2005CT
Description  SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SF2005CT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SF2005CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SF2005CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 50 TO 600 VOLTS
CURRENT -
AMPERES
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
FEATURES
MECHANICAL DATA
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
TO-220AB
www.paceleader.tw
High current capability
High surge current capability
Low reverse current
Component in accordance to RoHS 2002/95/EC
‧
Case: TO-220AB
‧
Case Material: Molded Plastic. UL
Flammability Classification Rating 94V-0
‧
Terminals: Lead Free Plating (Tin Finish).
Solderable per MIL-STD-202, Method 208
‧
Polarity: Cathode Band
‧
Weight: 1.948 grams (approximate)
PARAMETER
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
V
Maximum average forward rectified current(Total)
(Per Leg)
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
A
Maximum instantaneous IF=10A @ 25°C
VF
1.75
V
Maximum DC reverse current
@ TA=25°C
at rated DC blocking voltage
@ TA=100°C
IR
uA
Maximum Reverse Recovery Time(NOTE2)
Trr
ns
Typical junction capacitance(NOTE1)
CJ
pF
RθJA
RθJC
Operating temperature range
TJ
°C
Storage temperature range
TSTG
°C
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2.Measured with IF=0.5A, IR=1A, IRR=0.25A
-55 to +150
Typical thermal resistance
-55 to +150
50
°C/W
3
10
150.0
35
50
1.00
1.35
10
200
20.0
IF
A
10.0
SYMBOL
SF
2001CT
SF
2002CT
SF
2003CT
SF
2004CT
SF
2005CT
SF
2006CT
SF
2007CT
UNIT
20
SF2001CT thru SF2007 CT


Similar Part No. - SF2005CT

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
SF2005CT NIUHANG-SF2005CT Datasheet
425Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SF2005CT SUNMATE-SF2005CT Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - SF2005CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1600CT PANJIT-ER1600CT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF801F PACELEADER-SF801F Datasheet
585Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001 PACELEADER-SF1001 Datasheet
538Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001CT PACELEADER-SF1001CT Datasheet
583Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001FCT PACELEADER-SF1001FCT Datasheet
581Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1601CT PACELEADER-SF1601CT Datasheet
730Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Continental Device Indi...
MUR420 CDIL-MUR420 Datasheet
193Kb / 5P
SUPERFAST RECOVERY RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SF51 KOOCHIN-SF51 Datasheet
306Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
SF3X HORNBY-SF3X Datasheet
255Kb / 3P
SUPERFAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
ES3A DAESAN-ES3A_V01 Datasheet
576Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com