Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z51VT1 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MM3Z51VT1
Description  SURFACE MOUNT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM3Z51VT1 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MM3Z51VT1 Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM3Z51VT1 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
MECHANICAL DATA
MM3Z2V4 Series
o
Maximum Ratings and Electrical Characteristics (at TA=25 C unless otherwise noted)
Device Marking
ELECTRICAL CHARCTERISTICS
UNITS
SYMBOL
(1)
0
Total Power Dissipation on FR-5 Board
@TA=25 C
(1)
Thermal Resistance Junction to Ambient Air
Forward Voltage @ IF=10mA
Junction and Storage Temperature Range
PARAMETER
VALUE
0C
V
mW
0C / W
200
625
0.9
-65 to +150
VF
PD
R JA
TJ
TSTG
(P inout 1- Anode, 2-No Connection, 3-Cathode)
o
(TA=25 C unless otherwise noted, VF=0.9V Max.@IF=10mA)
LTEM
MARKING
EQUIVALENT CIRCUIT DIAGRAM
MM3Z2V4 Series
XX=Specific Device Code
(See Table on page 3)
1
Cathode
Anode
2
Zener Voltage Regulator
V
I
SYMBOL
VZ
IZT
ZZT
IR
VR
IF
VF
VZ
C
Reverse Zener Voltage@ IZT
Reverse Current
Maximum Zener Impedance @ IZT
Reverse Leakage Current @ VR
Reverse Voltage
Forward Current
Forward Voltage @ IF
Maximum Temperature Coefficient of VZ
Max. Capacitance @ VR=0 and f=1MHz
PARAMETER
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
200mw Power Dissipation
ldeal for Surface Mountted Application
Zener Breakdown Voltage Range 2.4V to 75V
Case
SOD-323 Molded plastic
Terminals
Solder Plated, solderable per
MIL-STD-202, Method 208
Polarity Cathode Indicated by Polarity Band
Marking
Marking Code (See Table on Page 3)
Weigh 0.004grams (approx)
NOTE
1. FR-4 Minimun Pad
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R
www.paceleader.com.tw


Similar Part No. - MM3Z51VT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MM3Z51VT1 LRC-MM3Z51VT1 Datasheet
83Kb / 5P
Zener Voltage Regulators
logo
ON Semiconductor
MM3Z51VT1 ONSEMI-MM3Z51VT1 Datasheet
61Kb / 6P
Zener Voltage Regulators
April, 2004 ??Rev. 6
logo
Formosa MS
MM3Z51VT1 FORMOSA-MM3Z51VT1 Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
MM3Z51VT1 PACELEADER-MM3Z51VT1 Datasheet
170Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
ON Semiconductor
MM3Z51VT1G ONSEMI-MM3Z51VT1G Datasheet
61Kb / 6P
Zener Voltage Regulators
April, 2004 ??Rev. 6
More results

Similar Description - MM3Z51VT1

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com