Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5Z68V Datasheet(PDF) 6 Page - PACELEADER INDUSTRIAL

Part # MM5Z68V
Description  SURFACE MOUNT ZENER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM5Z68V Datasheet(HTML) 6 Page - PACELEADER INDUSTRIAL

  MM5Z68V Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM5Z68V Datasheet HTML 2Page - PACELEADER INDUSTRIAL MM5Z68V Datasheet HTML 3Page - PACELEADER INDUSTRIAL MM5Z68V Datasheet HTML 4Page - PACELEADER INDUSTRIAL MM5Z68V Datasheet HTML 5Page - PACELEADER INDUSTRIAL MM5Z68V Datasheet HTML 6Page - PACELEADER INDUSTRIAL MM5Z68V Datasheet HTML 7Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
Item
Tolerance
SOD-523FL
Carrier width
Carrier length
Carrier depth
Sprocket hole
7" Reel outside diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D1
D2
W1
Symbol
0.1
0.1
0.1
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
unit:mm
178.00
50.00
8.40~9.90
1.75
3.50
4.00
4.00
2.00
0.23
8.00
10.90
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
0.90
1.40
0.76
1.50
Blank
Product
F
Cathode
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
MM5Z2V4 thru MM5Z75V
www.paceleader.tw
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com