Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP10 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # MPP10
Description  REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

MPP10 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  MPP10 Datasheet HTML 1Page - RSG Electronic Components GmbH MPP10 Datasheet HTML 2Page - RSG Electronic Components GmbH MPP10 Datasheet HTML 3Page - RSG Electronic Components GmbH MPP10 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MPP10(W)
Page
of 4
www.pduke.com
2013/7/9
1
MPP10(W) SERIES
DC-DC CONVERTER
2:1 & 4:1 WIDE INPUT RANGE
UP TO 10.05 WATTS
FEATURES
APPLICATIONS
• REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
• CLEARANCE AND CREEPAGE DISTANCE :8.0mm/2MOPP
• 5000VAC INPUT TO OUTPUT 2MOPP ISOLATION
• BUILT-IN EMI CLASS A FILTER
• 2µA PATIENT LEAKAGE CURRENT
• SAFETY MEETS ANSI/AAMI ES60601-1, EN60601-1 AND IEC60601-1
• CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
• COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
MEDICAL EQUIPMENT
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
PV POWER SYSTEM
IGBT GATE DRIVER
5000VAC
ISOLATION
UVP
OCP
SCP
OVP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25ºC otherwise noted
Input Range
Output Voltage
Output Current
@ Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
MPP10-05S3P3A/B
4.5 ~9
3.3
2500
10
80
3000
MPP10-05S05A/B
4.5 ~9
5
2000
10
84
2500
MPP10-05S12A/B
4.5 ~9
12
830
15
86.5
430
MPP10-05S15A/B
4.5 ~9
15
670
15
87
350
MPP10-05S24A/B
4.5 ~9
24
416
20
85.5
125
MPP10-05D05A/B
4.5 ~9
±5
±1000
25
83
± 1440
MPP10-05D12A/B
4.5 ~9
±12
±416
25
85.5
± 250
MPP10-05D15A/B
4.5 ~9
±15
±333
25
86.5
± 180
MPP10-12S3P3A/B
9 ~ 18
3.3
2500
10
83
3000
MPP10-12S05A/B
9 ~ 18
5
2000
10
85.5
2500
MPP10-12S12A/B
9 ~ 18
12
830
10
88
430
MPP10-12S15A/B
9 ~ 18
15
670
10
89
350
MPP10-12S24A/B
9 ~ 18
24
416
10
89
125
MPP10-12D05A/B
9 ~ 18
±5
±1000
10
84
± 1440
MPP10-12D12A/B
9 ~ 18
±12
±416
10
89
± 250
MPP10-12D15A/B
9 ~ 18
±15
±333
10
88
± 180
MPP10-24S3P3A/B
18 ~ 36
3.3
2500
6
83
3000
MPP10-24S05A/B
18 ~ 36
5
2000
6
86.5
2500
MPP10-24S12A/B
18 ~ 36
12
830
6
89
430
MPP10-24S15A/B
18 ~ 36
15
670
6
89
350
MPP10-24S24A/B
18 ~ 36
24
416
6
89
125
MPP10-24D05A/B
18 ~ 36
±5
±1000
6
85
± 1440
MPP10-24D12A/B
18 ~ 36
±12
±416
6
89
± 250
MPP10-24D15A/B
18 ~ 36
±15
±333
6
88
± 180
MPP10-48S3P3A/B
36 ~ 75
3.3
2500
4
82.5
3000
MPP10-48S05A/B
36 ~ 75
5
2000
4
86.5
2500
MPP10-48S12A/B
36 ~ 75
12
830
4
89
430
MPP10-48S15A/B
36 ~ 75
15
670
4
89
350
MPP10-48S24A/B
36 ~ 75
24
416
4
88.5
125
MPP10-48D05A/B
36 ~ 75
±5
±1000
4
85
± 1440
MPP10-48D12A/B
36 ~ 75
±12
±416
4
88
± 250
MPP10-48D15A/B
36 ~ 75
±15
±333
4
88
± 180


Similar Part No. - MPP10

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MPP10 MULTICOMP-MPP10 Datasheet
594Kb / 7P
Thick Film Chip Resistors
28/07/23 V1.0
logo
Power Mate Technology C...
MPP10-05D05A/B P-DUKE-MPP10-05D05A/B Datasheet
479Kb / 5P
DC-DC CONVERTER
MPP10-05D12A/B P-DUKE-MPP10-05D12A/B Datasheet
479Kb / 5P
DC-DC CONVERTER
MPP10-05D15A/B P-DUKE-MPP10-05D15A/B Datasheet
479Kb / 5P
DC-DC CONVERTER
MPP10-05S05A/B P-DUKE-MPP10-05S05A/B Datasheet
479Kb / 5P
DC-DC CONVERTER
More results

Similar Description - MPP10

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
MOP03 RSG-MOP03 Datasheet
193Kb / 4P
REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
logo
Total Power Internation...
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
MIHW3000 TOTAL-POWER-MIHW3000 Datasheet
756Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
Reinforced Insulation rated for 300VAC Working Voltage
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
REM10 RECOM-REM10 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
REM5E RECOM-REM5E Datasheet
1Mb / 8P
2MOPP, 250VAC working voltage isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com