Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDL03 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PDL03
Description  3 WATTS DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL03 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PDL03 Datasheet HTML 1Page - RSG Electronic Components GmbH PDL03 Datasheet HTML 2Page - RSG Electronic Components GmbH PDL03 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/5/3
PDL03 SERIES
3 WATTS
DC-DC CONVERTER
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
PDL03-05S3P3
4.5 ~ 9 VDC
3.3 VDC
0mA
700mA
50 mVp-p
45mA
75
3300µF
PDL03-05S05
4.5 ~ 9 VDC
5 VDC
0mA
600mA
50 mVp-p
45mA
79
1680µF
PDL03-05S09
4.5 ~ 9 VDC
9 VDC
0mA
333mA
50 mVp-p
55mA
80
1000µF
PDL03-05S12
4.5 ~ 9 VDC
12 VDC
0mA
250mA
50 mVp-p
55mA
81
820µF
PDL03-05S15
4.5 ~ 9 VDC
15 VDC
0mA
200mA
50 mVp-p
55mA
82
680µF
PDL03-05D05
4.5 ~ 9 VDC
±5 VDC
0mA
±300mA
50 mVp-p
55mA
78
±1000µF
PDL03-05D12
4.5 ~ 9 VDC
±12 VDC
0mA
±125mA
50 mVp-p
60mA
81
±470µF
PDL03-05D15
4.5 ~ 9 VDC
±15 VDC
0mA
±100mA
50 mVp-p
60mA
81
±330µF
PDL03-12S3P3
9 ~ 18 VDC
3.3 VDC
0mA
700mA
50 mVp-p
25mA
77
3300µF
PDL03-12S05
9 ~ 18 VDC
5 VDC
0mA
600mA
50 mVp-p
25mA
81
1680µF
PDL03-12S09
9 ~ 18 VDC
9 VDC
0mA
333mA
50 mVp-p
30mA
80
1000µF
PDL03-12S12
9 ~ 18 VDC
12 VDC
0mA
250mA
50 mVp-p
30mA
83
820µF
PDL03-12S15
9 ~ 18 VDC
15 VDC
0mA
200mA
50 mVp-p
30mA
83
680µF
PDL03-12D05
9 ~ 18 VDC
±5 VDC
0mA
±300mA
50 mVp-p
30mA
82
±1000µF
PDL03-12D12
9 ~ 18 VDC
±12 VDC
0mA
±125mA
50 mVp-p
30mA
83
±470µF
PDL03-12D15
9 ~ 18 VDC
±15 VDC
0mA
±100mA
50 mVp-p
30mA
83
±330µF
PDL03-24S3P3
18 ~ 36 VDC
3.3 VDC
0mA
700mA
50 mVp-p
16mA
76
3300µF
PDL03-24S05
18 ~ 36 VDC
5 VDC
0mA
600mA
50 mVp-p
16mA
82
1680µF
PDL03-24S09
18 ~ 36 VDC
9 VDC
0mA
333mA
50 mVp-p
17mA
82
1000µF
PDL03-24S12
18 ~ 36 VDC
12 VDC
0mA
250mA
50 mVp-p
18mA
83
820µF
PDL03-24S15
18 ~ 36 VDC
15 VDC
0mA
200mA
50 mVp-p
18mA
84
680µF
PDL03-24D05
18 ~ 36 VDC
±5 VDC
0mA
±300mA
50 mVp-p
17mA
80
±1000µF
PDL03-24D12
18 ~ 36 VDC
±12 VDC
0mA
±125mA
50 mVp-p
18mA
83
±470µF
PDL03-24D15
18 ~ 36 VDC
±15 VDC
0mA
±100mA
50 mVp-p
18mA
85
±330µF
PDL03-48S3P3
36 ~ 75 VDC
3.3 VDC
0mA
700mA
50 mVp-p
10mA
74
3300µF
PDL03-48S05
36 ~ 75 VDC
5 VDC
0mA
600mA
50 mVp-p
10mA
79
1680µF
PDL03-48S09
36 ~ 75 VDC
9 VDC
0mA
333mA
50 mVp-p
11mA
80
1000µF
PDL03-48S12
36 ~ 75 VDC
12 VDC
0mA
250mA
50 mVp-p
12mA
81
820µF
PDL03-48S15
36 ~ 75 VDC
15 VDC
0mA
200mA
50 mVp-p
12mA
82
680µF
PDL03-48D05
36 ~ 75 VDC
±5 VDC
0mA
±300mA
50 mVp-p
12mA
79
±1000µF
PDL03-48D12
36 ~ 75 VDC
±12 VDC
0mA
±125mA
50 mVp-p
12mA
82
±470µF
PDL03-48D15
36 ~ 75 VDC
±15 VDC
0mA
±100mA
50 mVp-p
12mA
83
±330µF
PDL03-48S05
Efficiency VS Output Load
40
45
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
PDL03-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
71
Note
1.BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment)
2.Typical value at nominal input and full load. (20MHz BW.)
3.Typical value at nominal input and no load.
4.Typical value at nominal input and full load.
5.Test by minimum input and constant resistive load.
6.The PDL03 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
7.An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com