Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDL06 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PDL06
Description  SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL06 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PDL06 Datasheet HTML 1Page - RSG Electronic Components GmbH PDL06 Datasheet HTML 2Page - RSG Electronic Components GmbH PDL06 Datasheet HTML 3Page - RSG Electronic Components GmbH PDL06 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
APPLICATIONS
• SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
• 1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION
• CONTINUOUS SHORT CIRCUIT PROTECTION
• SAFETY MEETS UL60950-1, EN60950-1, IEC60950-1
• CE MARK MEETS 2006/95/EC, 2011/95/EC and 2004/108/EC
• COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25 ºC otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
PDL06-05S3P3
4.5 ~ 9
3.3
1300
65mA
77
6600
PDL06-05S05
4.5 ~ 9
5
1200
105mA
81
3300
PDL06-05S09
4.5 ~ 9
9
666
105mA
83
2000
PDL06-05S12
4.5 ~ 9
12
500
105mA
84
1600
PDL06-05S15
4.5 ~ 9
15
400
105mA
84
1400
PDL06-05S24
4.5 ~ 9
24
250
105mA
84
680
PDL06-05D05
4.5 ~ 9
±5
±600
105mA
81
±2000
PDL06-05D12
4.5 ~ 9
±12
±250
105mA
84
±900
PDL06-05D15
4.5 ~ 9
±15
±200
105mA
84
±660
PDL06-12S3P3
9 ~ 18
3.3
1300
40mA
78
6600
PDL06-12S05
9 ~ 18
5
1200
55mA
83
3300
PDL06-12S09
9 ~ 18
9
666
55mA
85
2000
PDL06-12S12
9 ~ 18
12
500
55mA
85
1600
PDL06-12S15
9 ~ 18
15
400
55mA
85
1400
PDL06-12S24
9 ~ 18
24
250
55mA
84
680
PDL06-12D05
9 ~ 18
±5
±600
55mA
82
±2000
PDL06-12D12
9 ~ 18
±12
±250
55mA
84
±900
PDL06-12D15
9 ~ 18
±15
±200
55mA
85
±660
PDL06-24S3P3
18 ~ 36
3.3
1300
20mA
78
6600
PDL06-24S05
18 ~ 36
5
1200
28mA
83
3300
PDL06-24S09
18 ~ 36
9
666
28mA
85
2000
PDL06-24S12
18 ~ 36
12
500
28mA
86
1600
PDL06-24S15
18 ~ 36
15
400
28mA
86
1400
PDL06-24S24
18 ~ 36
24
250
28mA
85
680
PDL06-24D05
18 ~ 36
±5
±600
28mA
82
±2000
PDL06-24D12
18 ~ 36
±12
±250
28mA
85
±900
PDL06-24D15
18 ~ 36
±15
±200
28mA
85
±660
PDL06-48S3P3
36 ~ 75
3.3
1300
14mA
78
6600
PDL06-48S05
36 ~ 75
5
1200
14mA
82
3300
PDL06-48S09
36 ~ 75
9
666
14mA
84
2000
PDL06-48S12
36 ~ 75
12
500
14mA
85
1600
PDL06-48S15
36 ~ 75
15
400
14mA
86
1400
PDL06-48S24
36 ~ 75
24
250
14mA
84
680
PDL06-48D05
36 ~ 75
±5
±600
14mA
82
±2000
PDL06-48D12
36 ~ 75
±12
±250
14mA
84
±900
PDL06-48D15
36 ~ 75
±15
±200
14mA
85
±660
PART NUMBER STRUCTURE
PDL06 - 48
S
05
H
Series Name
Input
Output
Output
Assembly Option
Voltage
Quantity
Voltage
(VDC)
(VDC)
05:4.5~9
S:Single 3P3:3.3
:Standard
12:9~18
05:5
H:Plastic case with
24:18~36
09:9
3000VDC isolation
48:36~75
12:12
M:Metal case with
15:15
1600VDC isolation
24:24
D: Dual
05:
±5
12:
±12
15:
±15
PDL06 SERIES
DC-DC CONVERTER
2:1 ULTRA WIDE INPUT RANGE
UP TO 6Watts


Similar Part No. - PDL06

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
2:1 WIDE INPUT RANGE UP TO 6 Watts
PDL06-05D05 P-DUKE-PDL06-05D05 Datasheet
466Kb / 4P
DC-DC CONVERTER
PDL06-05D05 P-DUKE-PDL06-05D05 Datasheet
987Kb / 5P
2:1 WIDE INPUT RANGE UP TO 6 Watts
PDL06-05D12 P-DUKE-PDL06-05D12 Datasheet
466Kb / 4P
DC-DC CONVERTER
PDL06-05D12 P-DUKE-PDL06-05D12 Datasheet
987Kb / 5P
2:1 WIDE INPUT RANGE UP TO 6 Watts
More results

Similar Description - PDL06

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS40SERIES EMERSON-NETWORKPOWER-NFS40SERIES Datasheet
1Mb / 4P
5.0 x 3.0 x 1.2 inch package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
MINIATURE SIP PACKAGE
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
Ultra-Miniature SIP Package
logo
DB Lectro Inc
101E-1A DBLECTRO-101E-1A Datasheet
850Kb / 2P
Micro SIP package
102E-1A DBLECTRO-102E-1A Datasheet
1Mb / 2P
Micro SIP package
logo
Total Power Internation...
MAW01 TOTAL-POWER-MAW01 Datasheet
379Kb / 4P
Compact SIP-6 Package
logo
Maxim Integrated Produc...
MAXM17504 MAXIM-MAXM17504 Datasheet
1Mb / 19P
Small Profile 9mm x 15mm x 2.8mm SiP Package
Rev 1; 4/15
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
SIP package
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
Ultra Compact SIP package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com