Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS6-R30 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RS6-R30
Description  3.0 Watt regulated single output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS6-R30 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RS6-R30 Datasheet HTML 1Page - RSG Electronic Components GmbH RS6-R30 Datasheet HTML 2Page - RSG Electronic Components GmbH RS6-R30 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OUTPUT SPECIFICATIONS
RS6-R30
3.0 Watt regulated
single output
ABSOLUTE MAXIMUM RATINGS (4)
1) Ripple / Noise measured with 20 MHz bandwith.
2) Tested by minimal Vin and constant resistive load.
3) Measured input reflected ripple current with a simulated
source inductance of 12uH.
4) Exceeding the absolute ratings of the unit could cause
damage. It is not allowed for continuous operating.
5) Operation under no-load conditions will not damage
these devices. However they may not meet all listed
specifications.
The models listed are just for standard type. If you need a
special specification product, please contact our service.
Phone: +49 69 984047-0, mail to: info@rsg-electronic.de
or use the forms on www.rsg-electronic.de („Kontakt“).
12 Pin SI
P12 package
1000 VDC isolation up to 3000 VDC isolation
Continuous short circuit protection
Efficiency up to 71%
-25°C~71°C operation temperature range
Voltage accuracy
± 2%
Line regulation
± 0.5%
Load regulation (From 0% to 100% Load)
± 0.5%
(3.3 V output model)
± 1.5%
Ripple & Noise (20 MHz bandwith) (1)
75 mV pk-pk
Short circuit protection
Indefinite (automatic recovery)
Temperature coefficient
± 0.02%/°C
Capacitor load (2)
See table
Voltage range
± 10%
Max. input current
See table
No-load input current
See table
Input filter
Capacitors
Input reflected ripple current (3)
20 mA pk-pk
INPUT SPECIFICATIONS
Efficiency
See table
I/O isolation voltage (3 sec.)
Input / output
1000 ~ 3000 VDC
I/O isolation capacitance
60 pF typ.
I/O isolation resistance
1000 M Ohm
Switching frequency
50 kHz typ.
Humidity
95% rel. H
Reliability calculated MTBF (MIL-HDBK-217F)
> 1.12 Mhrs.
Safety standard (designed to meet)
IEC 60950-1
GENERAL SPECIFICATIONS
Case material
Non-conductive black plastic
(UL94V-0 rated)
Pin material
0.5 mm Alloy42 solder-coated
Potting material
Epoxy (UL94V-0 rated)
Weight
7.2 g
Dimensions
1.26“ x 0.32“ x 0.57“
PHYSICAL SPECIFICATIONS
Operating temperature
-25°C~ 71°C
(See derating curve)
Maximum case temperature
100°C
Storage temperature
-40°C~125°C
Cooling
Nature convection
ENVIRONMENT SPECIFICATIONS
NOTE
These are stress ratings. Exposure of devices to any of these
conditions may adversely affect long-term reliability.
Input voltage (100 mS)
5 modes
0 ~ 7 VDC
12 modes
0 ~ 15 VDC
24 modes
0 ~ 28 VDC
Lead soldering temperature
260°C
(1.5 mm from case 10 sec.)
All specifications typical at Ta = 25°C, nominal input voltage and full load
unless otherwise specified.
The information and specifications contained in this data sheet are believed
to be correct at time of publication. However, we accept no responsibility
for consequences arising from printing errors or inaccuracies.
Subject to change without notice.
Page: 1/3
Last update: 18.02.09
SIL 12 package, pic. similar


Similar Part No. - RS6-R30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS6-0505D RECOM-RS6-0505D Datasheet
402Kb / 7P
Highest Power Density In SIP Package
RS6-0505S RECOM-RS6-0505S Datasheet
402Kb / 7P
Highest Power Density In SIP Package
RS6-0512D RECOM-RS6-0512D Datasheet
402Kb / 7P
Highest Power Density In SIP Package
RS6-0512S RECOM-RS6-0512S Datasheet
402Kb / 7P
Highest Power Density In SIP Package
RS6-0515D RECOM-RS6-0515D Datasheet
402Kb / 7P
Highest Power Density In SIP Package
More results

Similar Description - RS6-R30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W15 ETC1-W15 Datasheet
88Kb / 2P
15 Watt - Single Output Regulated Power Supplies
WP12 ETC1-WP12 Datasheet
79Kb / 1P
12 Watt Single Output Regulated Power Supplies
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
3 Watt 2:1 regulated single & dual output
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
4 Watt regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
6 Watt 2:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
3.0 Watt 4:1 regulated single & dual output
RR6-S03-D03 RSG-RR6-S03-D03 Datasheet
143Kb / 3P
3.0 Watt 4:1 regulated
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
5 Watt 4:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
3.0 Watt 2:1 regulated single & dual output
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
10 Watt regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com