Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTR2012K Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTR2012K
Description  100V INPUT, 12V 50mA REGULATOR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2012K Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTR2012K Datasheet HTML 1Page - Diodes Incorporated ZXTR2012K Datasheet HTML 2Page - Diodes Incorporated ZXTR2012K Datasheet HTML 3Page - Diodes Incorporated ZXTR2012K Datasheet HTML 4Page - Diodes Incorporated ZXTR2012K Datasheet HTML 5Page - Diodes Incorporated ZXTR2012K Datasheet HTML 6Page - Diodes Incorporated ZXTR2012K Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXTR2012K
Document number: DS36327 Rev. 1 – 2
5 of 7
www.diodes.com
December 2013
© Diodes Incorporated
ZXTR2012K
A Product Line of
Diodes Incorporated
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
-5µ
0
5µ
10µ
15µ
20µ
10
20
30
40
50
60
70
80
-4µ
-2µ
0
2µ4µ
6µ8µ
10µ
11.0
11.5
12.0
12.5
13.0
0.1
20406080
100
-1250
-1000
-750
-500
-250
0
250
500
750
1000
1250
1500
20
40
60
80
100
-800
-400
0
400
800
1200
-50
-25
0
25
50
75
100
125
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
1200
20
30
40
50
60
70
80
90
100
-100
0
100
200
300
400
500
600
700
800
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
0
10
20
30
40
50
60
70
80
V
IN
V
IN Input Voltage (V)
V
IN =18 to 48V
I
OUT= 15mA
Slew Rate=5V
/s
C
OUT = 100nF
V
OUT
Line transient response
Time (s)
Time (s)
I
OUT
V
OUT
I
OUT = 0 to 30mA
Slew Rate=1A/s
C
OUT = 100nF
V
IN =18V
Load transient response
T
J = 125°C
Temperature Coefficient (Note 17)
T
J = 25°C
T
J = 85°C
Load Regulation (Note 16)
V
IN = 48V
T
J = -55°C
T
J = 100°C
I
OUT Output Current (mA)
T
J = 125°C
Line Regulation (Note 15)
V
IN Input Voltage (V)
T
J = 100°C
T
J = 85°C
T
J = 25°C
T
J = -55°C
I
OUT = 15mA
I
OUT = 15mA
V
IN = 48V
Junction Temperature (°C)
T
J = 125°C
T
J = 100°C
T
J = 85°C
T
J = 25°C
T
J = -55°C
I
OUT = 10µA
Quiescent Current
Notes:
15. Line regulation ∆VOUT = VOUT – VOUT(@ VIN = 15V, IOUT = 15mA, TJ = +25°C)
16. Load regulation ∆VOUT = VOUT – VOUT(@ VIN = 48V, IOUT = 0.1mA, TJ = +25°C)
17. Temperature Coefficient ∆VOUT = VOUT – VOUT(@ VIN = 48V, IOUT = 15mA, TJ = +25°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com