Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP386X Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP386X
Description  Superior Multi-touch Capacitive Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP386X Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP386X Datasheet HTML 8Page - Diodes Incorporated AP386X Datasheet HTML 9Page - Diodes Incorporated AP386X Datasheet HTML 10Page - Diodes Incorporated AP386X Datasheet HTML 11Page - Diodes Incorporated AP386X Datasheet HTML 12Page - Diodes Incorporated AP386X Datasheet HTML 13Page - Diodes Incorporated AP386X Datasheet HTML 14Page - Diodes Incorporated AP386X Datasheet HTML 15Page - Diodes Incorporated AP386X Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Datasheet
Superior Multi-touch Capacitive Touch Screen Controller
AP386X
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
13
Mechanical Dimensions (Continued)
QFN-6×6-48
Unit: mm(inch)
5.900(0. 232)
6.100(0. 240)
6.100(0.240)
5.900(0.232)
Pin 1 Mark
0.400(0. 016)
BSC
0.000(0. 000)
0.050(0. 002)
0.200(0. 008)
REF
0.150(0. 006)
0.250(0. 010)
N1
N13
N25
N37
N48
0.300(0. 012)
0.500(0. 020)
PIN # 1 IDENTIFICATION
See DETAIL A
1
2
Pin 1 Options
DETAIL A
3
48
47
46
1
2
3
48
47
46
1
2
3
48
47
46
.
Symbol
J=K
A
min(mm) max(mm)
max(mm)
min(mm)
min(inch)
min(inch)
max(inch)
max(inch)
Option1
Option2
4.400
4.150
4.600
4.450
0.173
0.181
0.163
0.175
0.800
0.900
0.700
0.800
0.028
0.031
0.031
0.035
J
K
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com