Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9800 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AM9800
Description  Three Phase Direct PWM Sensorless Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9800 Datasheet(HTML) 2 Page - Diodes Incorporated

  AM9800 Datasheet HTML 1Page - Diodes Incorporated AM9800 Datasheet HTML 2Page - Diodes Incorporated AM9800 Datasheet HTML 3Page - Diodes Incorporated AM9800 Datasheet HTML 4Page - Diodes Incorporated AM9800 Datasheet HTML 5Page - Diodes Incorporated AM9800 Datasheet HTML 6Page - Diodes Incorporated AM9800 Datasheet HTML 7Page - Diodes Incorporated AM9800 Datasheet HTML 8Page - Diodes Incorporated AM9800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet
Three Phase Direct PWM Sensorless Motor Driver
AM9800
Sep. 2012 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
GS Package
(SSOP-16)
2
3
4
5
6
7
8
15
14
13
12
11
10
9
16
1
Figure 2. Pin Configuration of AM9800 (Top View)
Pin Description
Pin Number
Pin Name
Function
1
VO
Output pin (V), connected to the motor coil
2
UO
Output pin (U), connected to the motor coil
3
VCC
Supply voltage
4
COM
Motor middle-point connection
5
COMIN
Motor position detection comparator filter pin 1
6
FIL
Motor position detection comparator filter pin 2
7
OSC
OSC startup frequency setting
8
SGND
Ground for IC
9
F/R
Rotation direction switching
10
FG
FG pulse output
11
PWM
PWM signal input
12
VG
Charge pump step-up output
13
CP
Charge pump step-up pulse output pin
14
CPC
Charge pump step-up pin
15
RF
Output current detection
16
WO
Output pin (W), connected to the motor coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com