Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9789 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AM9789
Description  Single Phase Full-wave Motor Driver for Silent Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9789 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AM9789 Datasheet HTML 9Page - Diodes Incorporated AM9789 Datasheet HTML 10Page - Diodes Incorporated AM9789 Datasheet HTML 11Page - Diodes Incorporated AM9789 Datasheet HTML 12Page - Diodes Incorporated AM9789 Datasheet HTML 13Page - Diodes Incorporated AM9789 Datasheet HTML 14Page - Diodes Incorporated AM9789 Datasheet HTML 15Page - Diodes Incorporated AM9789 Datasheet HTML 16Page - Diodes Incorporated AM9789 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
Single Phase Full-wave Motor Driver for Silent Fan Motor
AM9789
Oct. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
13
Application Information
(Continued)
operated with the PWM pin open, the built-in resistor
enables the PWM pin to change to high-level voltage
and the motor speed rises to full speed. When the
PWM pin is fixed at low-level voltage, the motor
decelerates, and after the motor stops, it enters
“Power Saving Mode”. Figure 12 shows a rotating
fan’s waveform at PWM Mode. Figure 13 shows
Lock Mode Waveform at PWM input condition in the
same fan.
Figure 12. PWM Mode Waveform
(PWM: 50% duty cycle, VH=5V, VL=0V)
Figure 13. Lock Mode at PWM Input Condition
(PWM: 50% duty cycle, VH=5V, VL=0V)
9. Frequency Generator Function
The FG pin is an open collector output, connecting a
pull-up resistor to a high level voltage for the
frequency generator function. During the lock mode,
FG pin output will be always high. Open the terminal
when not in use. Figure 14 shows how this function
works.
Figure 14. Rotation Mode Waveform
10. Lock Protection and Auto-restart
The IC detects the rotation of the motor by Hall
signal and the lock detection ON time (tON) and OFF
time (tOFF) are adjusted by the internal counter. As
showed below.
Figure 15. Lock Mode Waveform
11. Quick Start and Standby Mode
The IC will enter standby mode when PWM input
keeps low level for more than 55ms (typ.). In standby
mode, shutdown amplifier and FG will be shutdown,
and the supply current is around 130
µA. In standby
mode, the lock protection function doesn’t work; the
fan will restart when released from standby mode.
Figure 16 describes this function.
Figure 16. Quick Start and Standby Mode
Time
2s/div
VOUT1
5V/div
VOUT2
5V/div
VFG
5V/div
IIN
200mA/div
VOUT2
2V/div
VFG
2V/div
IIN
200mA/div
VOUT1
2V/div
VOUT2
2V/div
VFG
2V/div
IIN
200mA/div
Time
2ms/div
Time
2s/div
Time
10ms/div
VOUT1
5V/div
VOUT2
5V/div
VFG
5V/div
IIN
200mA/div
VOUT1
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com