Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC5220 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # PAC5220
Description  Power Application Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5220 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button PAC5220 Datasheet HTML 35Page - Active-Semi, Inc PAC5220 Datasheet HTML 36Page - Active-Semi, Inc PAC5220 Datasheet HTML 37Page - Active-Semi, Inc PAC5220 Datasheet HTML 38Page - Active-Semi, Inc PAC5220 Datasheet HTML 39Page - Active-Semi, Inc PAC5220 Datasheet HTML 40Page - Active-Semi, Inc PAC5220 Datasheet HTML 41Page - Active-Semi, Inc PAC5220 Datasheet HTML 42Page - Active-Semi, Inc PAC5220 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
PAC5220
Power Application Controller
delay.
For bootstrapped high-side operation, connect an appropriate capacitor between DRBx and DRSx and a
properly rated bootstrap diode from VP to DRBx. To operate the DRHx output as a low-side gate driver, connect
its DRBx pin to VP and its DRSx pin to VSSP.
12.3.3. High-Side Switching Transients
Typical high-side switching transients are shown in Figure 12-3(a). To ensure functionality and reliability, the
DRSx and DRBx pins must not exceed the peak and undershoot limit values shown. This should be verified by
probing the DRBx and DRSx pins directly relative to VSS pin. A small resistor and diode clamp for the DRSx pin
can be used to make sure that the pin voltage stays within the negative limit value. In addition, the high-side
slew rate dV/dt must be kept within ±5V/ns for DRSx. This can be achieved by adding a resistor-diode pair in
series, and an optional capacitor in parallel with the power switch gate. The parallel capacitor also provides a
low impedance and close gate shunt against coupling from the switch drain. These optional protection and slew
rate control are shown in Figure 12-3(b).
12.3.4. Open-Drain Drivers
The OHIx pin can be configured to be a 40V/40mA or 40V/15mA open-drain driver output, or a logic input. When
configured as an open-drain driver output, the OHIx pin can be controlled by either a register bit or a
configurable digital signal matrix (CDSM) signal. With default polarity, the OHIx pin is switched to VSSP with
17.5Ω (40mA mode) or 50Ω (15mA mode) impedance in the on state when the corresponding bit or signal is '1',
and is in the high-impedance off state when the corresponding bit or signal is '0'. When configured as an input,
the OHIx pin signal can flow to a register bit or to a CDSM signal. The polarity bit determines the signal polarity
in both input and output modes.
12.3.5. Power Drivers Control
All power drivers are initially disabled from power-on-reset. To enable the power drivers, the microprocessor
must first set the driver enable bit to '1'. The gate drivers are controlled by the microcontroller ports and/or PWM
signals according to Table 12-2, with configurable delays as shown in Table 12-3. The OHIx open-drain drivers
are controlled by their corresponding register bits. Refer to the PAC application notes and user guide for
additional information on power drivers control programming.
- 39 -
Rev 1.0‒February 25, 2014
Figure 12-3. High-Side Switching Transients and Optional Circuitry
V
DRSx
V
DRSx
≥ -5V
V
DRBx
≤ 65V
V
DRBx
dV/dt
dV/dt
(a) High-Side Switching Transients
(b) Optional Transient Protection and Slew Rate Control
DRHx
DRLx
DRSx
DRBx
V
P
V
IN
PAC5220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com