Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1663-S Datasheet(PDF) 2 Page - Fuji Electric

Part # 2SK1663-S
Description  N-channel MOS-FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK1663-S Datasheet(HTML) 2 Page - Fuji Electric

  2SK1663-S Datasheet HTML 1Page - Fuji Electric 2SK1663-S Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
N-channel MOS-FET
2SK1663-L,S
800V
4Ω
3A
80W
F-I Series
> Characteristics
Typical Output Characteristics
Drain-Source-On-State Resistance vs. Tch
Typical Transfer Characteristics
1
2
3
VDS [V]
Tch [°C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
4
5
6
ID [A]
ID [A]
Tch [°C]
Typical Capacitance vs. VDS
Typical Input Charge
Forward Characteristics of Reverse Diode
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Allowable Power Dissipation vs. TC
Safe operation area
Transient Thermal impedance
10
12
11
Tc [°C]
VDS [V]
t [s]
This specification is subject to change without notice!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com