Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC08 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74HC08
Description  QUADRUPLE 2-INPUT AND GATES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC08 Datasheet(HTML) 4 Page - Diodes Incorporated

  74HC08 Datasheet HTML 1Page - Diodes Incorporated 74HC08 Datasheet HTML 2Page - Diodes Incorporated 74HC08 Datasheet HTML 3Page - Diodes Incorporated 74HC08 Datasheet HTML 4Page - Diodes Incorporated 74HC08 Datasheet HTML 5Page - Diodes Incorporated 74HC08 Datasheet HTML 6Page - Diodes Incorporated 74HC08 Datasheet HTML 7Page - Diodes Incorporated 74HC08 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74HC08
Document number: DS35322 Rev. 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HC08
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input Voltage
2.0V
1.5
—
1.5
—
V
4.5V
3.15
—
3.15
—
6.0V
4.2
—
4.2
—
VIL
Low-level Input Voltage
2.0V
—
0.5
—
0.5
V
4.5V
—
1.35
—
1.35
6.0V
—
1.8
—
1.8
VOH
High-level Output Voltage
IOH = -20μA
2.0V
1.9
—
1.9
—
V
IOH = -20μA
4.5V
4.4
—
4.4
—
IOH = -20μA
6.0V
5.9
—
5.9
—
IOH = -4.0mA
4.5V
3.84
—
3.7
—
IOH = -5.2mA
6.0V
5.34
—
5.2
—
VOL
Low-level Output Voltage
IOL = 20μA
2.0V
—
0.1
—
0.1
V
IOL = 20μA
4.5V
—
0.1
—
0.1
IOL = 20μA
6.0V
—
0.1
—
0.1
IOL = 4mA
4.5V
—
0.33
—
0.44
IOL = 5.2 mA
6.0V
—
0.33
—
0.44
II
Input Current
VI =GND to 5.5V
6.0V
—
± 1
—
± 1
μA
ICC
Supply Current
VI = GND or VCC,
IO = 0
6.0V
—
20
—
40
μA
Switching Characteristics
Symbol
Parameter
Test
Conditions
Vcc
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Max
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 50pF
2.0V
—
25
90
115
125
ns
4.5V
—
9
18
23
27
6.0V
—
7
15
20
23
tt
Transition Time
Figure 1
CL = 50pF
2.0V
—
19
75
95
110
ns
4.5V
—
7
15
19
22
6.0V
—
6
13
16
19
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 6V
Unit
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1 MHz
20
pF
CI
Input Capacitance
VI = VCC – or GND
4
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com