Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC511MF-2R2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC511MF-2R2
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC511MF-2R2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC511MF-2R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC511MF
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
73
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction – Low EMI
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC511MF-1R5
1.5
100KHZ
70m
1.60
2.50
SC511MF-2R2
2.2
100KHZ
112m
1.38
2.20
SC511MF-3R3
3.3
100KHZ
120m
1.09
1.80
SC511MF-4R7
4.7
100KHZ
140m
0.90
1.51
SC511MF-5R6
5.6
100KHZ
145m
0.83
1.25
SC511MF-6R8
6.8
100KHZ
175m
0.71
1.15
SC511MF-8R6
8.6
100KHZ
215m
0.63
1.00
SC511MF-100
10
100KHZ
238m
0.59
0.96
SC511MF-120
12
100KHZ
300m
0.56
0.92
SC511MF-150
15
100KHZ
340m
0.50
0.86
SC511MF-180
18
100KHZ
420m
0.42
0.80
SC511MF-220
22
100KHZ
475m
0.40
0.76
SC511MF-270
27
100KHZ
560m
0.32
0.70
SC511MF-330
33
100KHZ
816m
0.30
0.58
SC511MF-390
39
100KHZ
915m
0.25
0.52
SC511MF-470
47
100KHZ
1.16
0.20
0.46
SC511MF-560
56
100KHZ
1.32
0.18
0.42
SC511MF-680
68
100KHZ
1.64
0.15
0.37
(3)
(4)
XXX
MARKING
0. 1
1
10
100
1000
10000
10
BC511MF I nduct ance decrease by current
100000
DC current (mA)
1000
100
1R5
120
680
BC511MF Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000 1500
3500
2500
4000
0
4500 5000
680
120
1R5
SC511MF Inductance decrease by current
SC511MF Temperature rise by current
DC current (mA)
DC current (mA)
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SC511MF-2R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
Diamond Bonding and Grounding Hardware
SC51-1T ETC2-SC51-1T Datasheet
1Mb / 9P
Diamond Bonding and Grounding Hardware
SC51-2 ETC2-SC51-2 Datasheet
1Mb / 9P
Diamond Bonding and Grounding Hardware
SC51-CF ETC2-SC51-CF Datasheet
1Mb / 9P
Diamond Bonding and Grounding Hardware
logo
Zowie Technology Corpor...
SC510 ZOWIE-SC510 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SC511MF-2R2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com