Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD52-1R2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SD52-1R2-R
Description  High Power Density, Low Profile, Shielded Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD52-1R2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SD52-1R2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD52-1R2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD52-1R2-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• 125°C maximum total temperature operation
• Octagonal shape shielded drum core
• 2mm max height
• Inductance range from 1.2uH to 100uH
• Current range from 3.14 to 0.35 Amps
• Ferrite shielded, low EMI
• Ferrite core material
Applications
• Digital cameras, CD players, cellular phones, and PDAs
• PCMCIA cards
• GPS systems
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +125°C
(range is application specific).
• Solder reflow temperature: +260°C max. for 10 seconds
max.
Packaging
• Supplied in tape and reel packaging, 3500 per reel
SD52 Series
High Power Density,
Low Profile, Shielded Inductors
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt
Inductance
+/-20%
Marking
Amperes
Amperes
(
Ω)
u-sec
(µH)
(µH)
Typ.
Typ.
SD52-1R2-R
1.20
1.20
A
2.33
3.14
0.0279
1.49
SD52-2R2-R
2.20
2.20
B
1.98
2.30
0.0385
2.03
SD52-3R5-R
3.50
3.50
C
1.73
1.82
0.0503
2.57
SD52-4R7-R
4.70
4.70
D
1.63
1.64
0.0568
2.84
SD52-6R8-R
6.80
6.80
E
1.39
1.28
0.0777
3.65
SD52-100-R
10.0
10.0
F
1.11
1.11
0.1215
4.19
SD52-150-R
15.0
15.0
G
0.97
0.88
0.1618
5.27
SD52-220-R
22.0
22.0
H
0.86
0.73
0.2042
6.35
SD52-270-R
27.0
27.0
J
0.73
0.65
0.2864
7.16
SD52-330-R
33.0
33.0
K
0.70
0.61
0.3074
7.70
SD52-470-R
47.0
47.0
L
0.58
0.50
0.4465
9.32
SD52-680-R
68.0
68.0
M
0.47
0.42
0.6829
11.21
SD52-101-R
100
100
N
0.39
0.35
1.0000
13.37
SD52-151-R
150
150
O
0.31
0.28
1.6100
17.00
RECOMMENDED PCB LAYOUT
SCHEMATIC
2
1
TOP VIEW
2.0
2 plcs
6.0
1.3
2 plcs
5.2 max
5.2 max
m
Pin #1 indicator
Part marking
(See note A)
BOTTOM VIEW
2
1
SIDE VIEW
2.0 max
m
5.6 max
m
0.65
±0.10
SD52 Series
A) Part Marking: Line 1: (1st digit indicates the inductance value per part marking
designator in chart above)
(2nd digit is a bi-weekly production date code)
(3rd digit is the last digit of the year produced)
Line 2: 52 (indicates the product size code)
Mechanical Diagrams
(1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate
∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
(3) Peak current for approximate 30% roll off at 20°C.
(4) DCR limits @ 20°C.
5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
RoHS
2002/95/EC


Similar Part No. - SD52-1R2-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SD52-1R2-R EATON-SD52-1R2-R Datasheet
382Kb / 4P
High power density, low profile shielded power inductors
More results

Similar Description - SD52-1R2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD14-4R5-R COOPER-SD14-4R5-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD20-100-R COOPER-SD20-100-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
SD52 EATON-SD52 Datasheet
382Kb / 4P
High power density, low profile shielded power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com