Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPP15 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # DPP15
Description  15-100W, 5-48V Output DIN Rail Mount Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DPP15 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  DPP15 Datasheet HTML 1Page - RSG Electronic Components GmbH DPP15 Datasheet HTML 2Page - RSG Electronic Components GmbH DPP15 Datasheet HTML 3Page - RSG Electronic Components GmbH DPP15 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DPP15-100 Series
1
DPP15-100 Series
15-100W, 5-48V Output
DIN Rail Mount Power Supplies
Key Market Segments & Applications
Industrial Controls:
Motor Control Systems
Factory Automation:
Process Control, Automotive,
Chemical Processing
Test & Measurement: Burn in & Test,
Instrumentation Measurement
• Low Cost
• 5V to 48V Outputs
• Universal Input
• Compact Size
• NEC Class 2 Compliant
• UL508 Listed
• -10°C to +71°C Operation
• RoHS Compliant
DPP15-100 Features and Benefits
Features
Benefits
• PFC Compliant to EN61000-3-2
• Supports Global Use
• UL508 Approvals
• Easier System Configuration
• TS35/7.5 or TS35/15 DIN Rail Mounting
• Easy System Integration
Specifications
MODELS
DPP15
DPP25/30
DPP50
DPP100
ITEMS
AC Input Voltage range
(1)
VAC
85 - 264VAC
85 - 132VAC
176 - 264VAC
Input Frequency
Hz
47 - 63Hz
DC Input Voltage range
-
90 - 375VDC
210 - 375VDC
Inrush Current (115 / 230VAC)
A
<35A
35 / 45A
35 / 50A
35 / 55A
Power Factor
-
Meets EN61000-3-2 Class A
Max Input Current (230VAC)
A
0.4
0.72
0.7
1.2
Output Voltage Accuracy
%
±1% (24V outputs preset at 24.5V)
Line Regulation
%
< 0.5%
Load Regulation
%
< 0.5%
Ripple/Noise
mV
<50mV (20MHz Bandwith)
Overcurrent Protection (Typ)
-
>120%
Overvoltage Protection
V
125 - 137.5%, Cycle AC line to reset
Hold Up Time (115VAC input)
ms
> 20ms
Parallel switch
-
No
Yes
LED Indicator
-
Green LED = On
Operating Temperature
-
-10°C to +71°C (Derate linearly 5%/°C from 61°C to 71°C)
Storage Temperature
-
-25°C to +85°C
Operating Humidity
-
20 - 90% RH (non condensing)
Cooling
(2)
-
Convection
Withstand Voltage
-
Input to Output 3kVAC for 1 min.
Shock
-
Half sine wave, 4G, 22ms, 3 times per face, X, Y, Z
Vibration
-
10-500Hz (20 min sweep) 0.002G2/Hz, 1Grms acceleration X, Y, Z, 1 hour
Isolation Resistance
Ω
>100MΩ at 25°C & 70%RH, Output to Ground 500VDC
Safety Agency Approvals
-
UL60950-1, UL508, UL1310(3) (Class 2), EN60950-1, CE Mark
Emissions
-
EN55011, EN55022 Class B Radiated & Conducted, EN61000-6-3
Immunity
-
EN61000-6-2, EN61000-4-2 Level4, EN61000-4-3, EN61000-4-6 Level 3
EN61000-4-4 Level 4 (I/P) Level 3 (O/P), EN61000-4-5 Level 4, EN61000-4-8, EN61000-4-11
Weight (Typ)
g
130
260
390
Size (WxHxD)
mm
23 x 75 x 97
45 x 75 x 91
73 x 75 x 97
Case material
-
Plastic
MTBF (MIL-HDBK-217F, GF25)
Hours
287,000
>288,000
273,000
239,000
Warranty
yrs
3
(1) Auto Select - DPP100 only
(2) Recommend 25mm clearance on all sides.
(3) Does not include DPP25-5 & DPP100-24 models.
Evaluated to NEC NFPA70 Class 2 output per UL1310.


Similar Part No. - DPP15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DPP15-24 RSG-DPP15-24 Datasheet
231Kb / 3P
15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DPP15-24 TDK-DPP15-24 Datasheet
228Kb / 1P
AC-DC Power Supplies
June 03, 2022
More results

Similar Description - DPP15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DR-100 MEANWELL-DR-100 Datasheet
245Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
logo
RSG Electronic Componen...
DPP25-5 RSG-DPP25-5 Datasheet
231Kb / 3P
15-100W, 5-48V Output DIN Rail Mount Power Supplies
DPP120-12 RSG-DPP120-12 Datasheet
403Kb / 3P
120W & 240W Single Output DIN Rail Mount Power Supplies
DPP480-24-1 RSG-DPP480-24-1 Datasheet
306Kb / 3P
480W Single Output DIN Rail Mount Power Supplies
DSP10-5 RSG-DSP10-5 Datasheet
274Kb / 3P
7.5W to 100W Low Profile Din Rail Mount Power Supplies
logo
Mean Well Enterprises C...
DR-100 MEANWELL-DR-100_11 Datasheet
348Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
logo
List of Unclassifed Man...
DRB15-100 ETC2-DRB15-100 Datasheet
469Kb / 2P
15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
RSG Electronic Componen...
DRB15 RSG-DRB15 Datasheet
1Mb / 5P
15W to 100W Single Output DIN Rail Mount Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com